Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

014A Datasheet (PDF) - Campbell Scientific United Kingdom

014A Datasheet PDF - Campbell Scientific United Kingdom
Part # 014A
Download  014A Download
File Size   281.7 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 3-Cup Anemometer

014A Datasheet (PDF)

Go To PDF Page Download Datasheet
014A Datasheet PDF - Campbell Scientific United Kingdom

Part # 014A
Download  014A Click to download

File Size   281.7 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 3-Cup Anemometer

014A Datasheet (HTML) - Campbell Scientific United Kingdom


014A Product details

Benefits and Features
Ideal for applications that do not require wind direction measurements
Sealed magnetic reed switch
Designed for continuous, long term, unattended operation in adverse conditions
Standard aluminum cup assembly has a distance constant of less than 4.5 m
For greater sensitivity, an optional LEXAN cup assembly has a distance constant of less than 1.5m

Technical Description
The 014A is constructed of corrosion-resistant, stainless-steel and anodized aluminium. It's three-cup anemometer assembly contains a sealed magnetic reed switch. Rotation of the cupwheel produces a pulse that is directly proportional to wind speed.




Similar Part No. - 014A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
014A ETC2-014A Datasheet
374Kb / 2P
Aluminum or Lexan cups available
More results


Similar Description - 014A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407123 EXTECH-407123 Datasheet
99Kb / 8P
Hot Wire Thermo-Anemometer
451112 EXTECH-451112 Datasheet
161Kb / 5P
Vane Anemometer
451181 EXTECH-451181 Datasheet
332Kb / 13P
Datalogging / Printing Anemometer Psychrometer
AN400 EXTECH-AN400 Datasheet
150Kb / 6P
Cup Thermo-Anemometer
EZ30 EXTECH-EZ30 Datasheet
225Kb / 6P
EzFlex Thermo-Anemometer
logo
Testo SE & Co. KGaA
TESTO405 TESTO-TESTO405 Datasheet
1Mb / 2P
Thermal anemometer
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
Vane anemometer
TESTO425 TESTO-TESTO425 Datasheet
334Kb / 2P
Thermal anemometer
logo
Carlo Gavazzi Holding A...
DWS-V-DAC13 CARLOGAVAZZI-DWS-V-DAC13 Datasheet
131Kb / 2P
Cup Anemometer PVC Housing, Rotor of black painted Stainless Steel
DWS-V-AGP CARLOGAVAZZI-DWS-V-AGP Datasheet
213Kb / 2P
Cup Anemometer PVC Housing, Rotor of black painted Stainless Steel Type DWS-V-AGP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com