Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP7534 Datasheet (PDF) - uPI Group Inc.

UP7534 Datasheet PDF - uPI Group Inc.
Part # UP7534
Download  UP7534 Download
File Size   186.5 Kbytes
Page   16 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Current-Limited, Power Distribution Switches

UP7534 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP7534 Datasheet PDF - uPI Group Inc.

Part # UP7534
Download  UP7534 Click to download

File Size   186.5 Kbytes
Page   16 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Current-Limited, Power Distribution Switches

UP7534 Datasheet (HTML) - uPI Group Inc.


UP7534 Product details

General Description
The uP7534 is a current limited high-side switch designed
for applications where heavy capacitive loads and shortcircuits are likely to be met. This device operates with
inputs from 2.7V to 5.5V for both 3V and 5V systems. Its
low quiescent current (25uA) and standby current (<1uA)
conserve battery power in portable.
The power switch is controlled by a logic enable input and
driven by an internal charge pump circuit. When the output
load exceeds the current-limit threshold or a short is
present, the uP7534 asserts overcurrent protection and
limits the output current to a safe level by driving the power
switch into saturation mode.
The uP7534 features glitch-blank fault flag that is asserted
by overcurrent, overtemperature, or input undervoltage
lockout. The 8ms glitch-blanking time allows momentary
faults to be ignored, thus preventing false alarms to the
host system.
Other features include soft-start to limit inrush current
during plug-in, thermal shutdown to prevent catastrophic
switch failure from high-current loads, under-voltage lockout
(UVLO) to ensure that the device remains off unless there
is a valid input voltage present. The uP7534 is available in
SOP-8 , SOT23-5, MSOP-8, and PMSOP-8 packages.

Features
Compliant to USB Specifications
Operating Range: 2.7 V to 5.5 V
75mΩ (5VIN MSOP) High Side MOSFET Switch
25uA Typical Quiescent Current
<1uA Typical Shutdown Current
Over Current/ Short Circuit Protect
Thermal Shutdown Protection
Deglitched Open Drain Fault Flag
Slow Turn On and Fast Turn Off
Enable Active-High or Active-Low
UL Approved-E316940
TuV EN60950-1 Certification
CB IEC60950-1 Certification
RoHS Compliant and Halogen Free




Similar Part No. - UP7534

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP7536 UPI-UP7536 Datasheet
741Kb / 17P
Power Multiplexer
uP7536BMA8 UPI-uP7536BMA8 Datasheet
741Kb / 17P
Power Multiplexer
uP7536BRA8 UPI-uP7536BRA8 Datasheet
741Kb / 17P
Power Multiplexer
uP7536BSW8 UPI-uP7536BSW8 Datasheet
741Kb / 17P
Power Multiplexer
UP7537 UPI-UP7537 Datasheet
218Kb / 14P
Dual-Input Triple-Output Power Multiplexer
More results


Similar Description - UP7534

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com