Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ669 Datasheet (PDF) - Toshiba Semiconductor

2SJ669 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ669
Download  2SJ669 Download
File Size   209.54 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon P-Channel MOS Type Relay Drive, DC/DC Converter and Motor Drive Applications

2SJ669 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ669 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ669
Download  2SJ669 Click to download

File Size   209.54 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon P-Channel MOS Type Relay Drive, DC/DC Converter and Motor Drive Applications

2SJ669 Datasheet (HTML) - Toshiba Semiconductor


2SJ669 Product details

Relay Drive, DC/DC Converter and Motor Drive Applications

• 4-V gate drive
• Low drain-source ON-resistance: RDS (ON) = 0.12 Ω (typ.)
• High forward transfer admittance: |Yfs| = 5.0 S (typ.)
• Low leakage current: IDSS = −100 μA (max) (VDS = −60 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - 2SJ669

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ669 TOSHIBA-2SJ669 Datasheet
166Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
More results


Similar Description - 2SJ669

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ668 TOSHIBA-2SJ668 Datasheet
204Kb / 6P
Silicon P-Channel MOS Type Relay Drive, DC/DC Converter and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_06 Datasheet
220Kb / 6P
Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3438 TOSHIBA-2SK3438 Datasheet
207Kb / 6P
Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498_06 Datasheet
161Kb / 3P
Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com