Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL1129 Datasheet (PDF) - CHIPLINK SEMICONDUCTOR

CL1129 Datasheet PDF - CHIPLINK SEMICONDUCTOR
Part # CL1129
Download  CL1129 Download
File Size   431.98 Kbytes
Page   7 Pages
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR
Description 5W primary side control high precision constant voltage/constant current controller

CL1129 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL1129 Datasheet PDF - CHIPLINK SEMICONDUCTOR

Part # CL1129
Download  CL1129 Click to download

File Size   431.98 Kbytes
Page   7 Pages
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR
Description 5W primary side control high precision constant voltage/constant current controller

CL1129 Datasheet (HTML) - CHIPLINK SEMICONDUCTOR


CL1129 Product details

Features

◆ Constant voltage accuracy within 5%, constant current accuracy within 5%.
◆ Primary feedback eliminates TL431 and optocoupler to reduce costs.
◆ Low startup current: 1μA (typical)
◆ Low quiescent current: 300μA (typical)
◆ Adjustable output constant voltage, constant current and power
◆ Peak current mode control
◆ Compensate for transformer inductance tolerance
◆ Compensate for cable voltage drop
◆ Built-in leading edge blanking circuit (LEB)
◆ Cycle-by-cycle current limit
◆ Undervoltage lockout (UVLO)
◆ VDD OVP protection function

Application range
5W low power AC/DC offline switching power supply
Applied in:
◆ Mobile phone/cordless phone charger
◆ Digital camera charger
◆ Low power power adapter
◆ Computer/TV auxiliary power supply
◆ Replacement of linear power supply
CL1129 adopts SOP8 package




Similar Part No. - CL1129

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
CL1123A2R SHIELD-CL1123A2R Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1123A4R SHIELD-CL1123A4R Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1123A6R SHIELD-CL1123A6R Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1123A9R SHIELD-CL1123A9R Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
CL1124A3R SHIELD-CL1124A3R Datasheet
211Kb / 2P
For electrovalves, style C, 2p or 3p G, female, with cable
More results


Similar Description - CL1129

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
List of Unclassifed Man...
CR633X ETC-CR633X Datasheet
284Kb / 10P
Primary side control high precision constant current/constant voltage PWM power switch
V3.0
logo
CHIPLINK SEMICONDUCTOR
CL1221 CHIPLINK-CL1221 Datasheet
361Kb / 6P
Primary side control high precision constant current controller
2012-11-27
CL1226 CHIPLINK-CL1226 Datasheet
363Kb / 7P
Primary side control high precision constant current controller
2013-5-22
logo
Suzhou Juyuan Microelec...
PL3536 PMICRO-PL3536 Datasheet
278Kb / 8P
High-precision constant voltage/constant current, primary side control
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com