Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3085E Datasheet (PDF) - NVE Corporation

IL3085E Datasheet PDF - NVE Corporation
Part # IL3085E
Download  IL3085E Download
File Size   787.02 Kbytes
Page   20 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Low-Cost Isolated RS-485 Transceivers

IL3085E Datasheet (PDF)

Go To PDF Page Download Datasheet
IL3085E Datasheet PDF - NVE Corporation

Part # IL3085E
Download  IL3085E Click to download

File Size   787.02 Kbytes
Page   20 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Low-Cost Isolated RS-485 Transceivers

IL3085E Datasheet (HTML) - NVE Corporation


IL3085E Product details

Features
• 4 Mbps data rate
• Supports up to 32 nodes
• 3 V to 5 V power supplies
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• Low quiescent supply current
• 44000 year barrier life
• 7 kV bus ESD protection
• Low EMC footprint
• Thermal shutdown protection
• −40 °C to +85 °C and −40 °C to +125 °C versions
• Meets or exceeds ANSI RS-485 and ISO 8482:1987(E)
• 2500 VRMS isolation voltage per UL 1577
• VDE V 0884-11/IEC 60747-17:2020 certified; UL 1577 recognized
• QSOP, 0.15" SOIC, and 0.3" True 8™ mm 16-pin SOIC packages
Applications
• Factory automation
• Industrial control networks
• Building environmental controls
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications




Similar Part No. - IL3085E

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL3085-1E NVE-IL3085-1E Datasheet
852Kb / 21P
Advanced Isolated RS-485 Transceivers
IL3085-1E TR13 NVE-IL3085-1E TR13 Datasheet
852Kb / 21P
Advanced Isolated RS-485 Transceivers
IL3085-1E TR7 NVE-IL3085-1E TR7 Datasheet
852Kb / 21P
Advanced Isolated RS-485 Transceivers
More results


Similar Description - IL3085E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
3.3V Low Power RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
PROFIBUS RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com