Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3222E Datasheet (PDF) - NVE Corporation

IL3222E Datasheet PDF - NVE Corporation
Part # IL3222E
Download  IL3222E Download
File Size   357.95 Kbytes
Page   19 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers

IL3222E Datasheet (PDF)

Go To PDF Page Download Datasheet
IL3222E Datasheet PDF - NVE Corporation

Part # IL3222E
Download  IL3222E Click to download

File Size   357.95 Kbytes
Page   19 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description Fractional Load Passive Input RS-485 and RS-422 Isolated Transceivers

IL3222E Datasheet (HTML) - NVE Corporation


IL3222E Product details

Features
• 3 V to 5 V power supplies
• 5 Mbps data rate
• ⅛ unit load
• 15 kV bus ESD protection
• 20 kV/μs typical common mode rejection
• No carrier or clock for low EMI emissions and susceptibility
• −40 °C to +85 °C temperature range
• Thermal shutdown protection
• 2500 VRMS isolation
• IEC 60747-17 (VDE 0884-17):2021-10; UL 1577
• 0.15" or 0.3" True 8™ mm 16-pin SOIC packages
Applications
• High node-count networks
• Security networks
• Building environmental controls
• Industrial control networks
• Gaming systems




Similar Part No. - IL3222E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3222E ETC1-IL3222E Datasheet
461Kb / 9P
Fractional Load RS485 and RS422 Transceivers
IL3222ETR13 ETC1-IL3222ETR13 Datasheet
461Kb / 9P
Fractional Load RS485 and RS422 Transceivers
More results


Similar Description - IL3222E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
logo
Analog Devices
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com