Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR35211 Datasheet (PDF) - International Rectifier

IR35211 Datasheet PDF - International Rectifier
Part # IR35211
Download  IR35211 Download
File Size   2211.09 Kbytes
Page   58 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dual Output Digital Multi-Phase Controller

IR35211 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR35211 Datasheet PDF - International Rectifier

Part # IR35211
Download  IR35211 Click to download

File Size   2211.09 Kbytes
Page   58 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Dual Output Digital Multi-Phase Controller

IR35211 Datasheet (HTML) - International Rectifier


IR35211 Product details

FEATURES

 Dual output 3+1 phase PWM Controller
 Easiest layout and fewest pins in the industry
 Fully supports AMD® SVI1 & SVI2 with dual
OCP and Intel® VR12 & VR12.5
 Overclocking & Gaming Mode
 Switching frequency from 200kHz to 2MHz
per phase
 IR Efficiency Shaping Features including
Dynamic Phase Control and Automatic Power
State Switching
 Programmable 1-phase operation for Light
Loads and Active Diode Emulation for Very
Light Loads
 IR Adaptive Transient Algorithm (ATA) on
both loops minimizes output bulk capacitors
and system cost
 Auto-Phase Detection with autocompensation
 Per-Loop Fault Protection: OVP, UVP, OCP,
OTP
 I2C/SMBus/PMBus system interface for
telemetry of Temperature, Voltage, Current &
Power for both loops
 Multiple Time Programming (MTP) with
integrated charge pump for easy custom
configuration
 Compatible with IR ATL and 3.3V tri-state
Drivers
 +3.3V supply voltage; -40°C to 85°C ambient
operation
 Pb-Free, Halogen Free, RoHS, 6x6mm,
40-pin, 0.5 mm pitch QFN

DESCRIPTION

The IR35211 is a dual loop digital multi-phase buck
controller designed for CPU voltage regulation and is fully
compliant to AMD® SVI1 & SVI2 Rev 1.2 & Intel©
VR12
Rev 1.5 PWM specification and VR12.5 Rev 1.3 PWM
specification.
The IR35211 includes IR’s Efficiency Shaping
Technology to deliver exceptional efficiency at minimum
cost across the entire load range. IR’s Dynamic Phase
Control adds/drops active phases based upon load
current and can be configured to enter 1-phase operation
and diode emulation mode automatically or by command.
IR’s unique Adaptive Transient Algorithm (ATA), based
on proprietary non-linear digital PWM algorithms,
minimizes output bulk capacitors and Multiple Time
Programmable (MTP) storage saves pins and enables a
small package size. Device configuration and fault
parameters are easily defined using the IR Digital Power
Design Center (DPDC) GUI and stored in on-chip MTP.
The IR35211 provides extensive OVP, UVP, OCP and
OTP fault protection and includes thermistor based
temperature sensing with VRHOT signal.
The IR35211 includes numerous features like register
diagnostics for fast design cycles and platform
differentiation, simplifying VRD design and enabling
fastest time-to-market (TTM) with “set-and-forget”
methodology.

APPLICATIONS
 AMD® SVI1 & SVI2, Intel® VR12 & VR12.5 based
systems
 Desktop & Notebook CPU VRs
 High Performance Graphics Processors




Similar Part No. - IR35211

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
XPHASE3TM AMD SVID CONTROL IC
logo
Infineon Technologies A...
IR35215 INFINEON-IR35215 Datasheet
828Kb / 4P
8-phase dual loop voltage regulator
V 1.1 2019-8-27
IR35215MTRPBF INFINEON-IR35215MTRPBF Datasheet
828Kb / 4P
8-phase dual loop voltage regulator
V 1.1 2019-8-27
IR35215MTYPBF INFINEON-IR35215MTYPBF Datasheet
828Kb / 4P
8-phase dual loop voltage regulator
V 1.1 2019-8-27
IR35215MXXYYTRP INFINEON-IR35215MXXYYTRP Datasheet
828Kb / 4P
8-phase dual loop voltage regulator
V 1.1 2019-8-27
More results


Similar Description - IR35211

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3564A IRF-IR3564A Datasheet
392Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3565A IRF-IR3565A Datasheet
358Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A Datasheet
379Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A Datasheet
363Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3564A IRF-IR3564A_15 Datasheet
419Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3566A IRF-IR3566A_15 Datasheet
413Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3567A IRF-IR3567A_15 Datasheet
399Kb / 4P
Dual Output Digital Multi-Phase Controller
IR3581 IRF-IR3581_15 Datasheet
246Kb / 5P
Dual Output Digital Multi-Phase Controller
IR3584 IRF-IR3584_15 Datasheet
235Kb / 5P
Dual Output Digital Multi-Phase Controller
logo
List of Unclassifed Man...
IR3567B ETC-IR3567B Datasheet
530Kb / 2P
Dual Output Digital Multi-Phase Controller
August 1, 2013 - V1.04
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com