Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL3522 Datasheet (PDF) - NVE Corporation

IL3522 Datasheet PDF - NVE Corporation
Part # IL3522
Download  IL3522 Download
File Size   235.87 Kbytes
Page   15 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Isolated RS485/RS422 Transceiver

IL3522 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL3522 Datasheet PDF - NVE Corporation

Part # IL3522
Download  IL3522 Click to download

File Size   235.87 Kbytes
Page   15 Pages
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation
Description High Speed Isolated RS485/RS422 Transceiver

IL3522 Datasheet (HTML) - NVE Corporation


IL3522 Product details

Features
• 40 Mbps data rate
• 20 ns propagation delay
• 1 ns pulse skew
• 6 kVRMS Reinforced Isolation / 12.8 kV surge / 1.2 kVRMS WV (IL3522VE)
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• 3 V to 5 V power supplies
• 44000 year barrier life
• 15 kV bus ESD protection
• Low EMC footprint
• Thermal shutdown protection
• −40 °C to +85 °C temperature range
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 16-pin JEDEC-standard True 8™ mm SOIC packages
Applications
• Factory automation
• Industrial control networks
• Building environmental controls
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications




Similar Part No. - IL3522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
More results


Similar Description - IL3522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_12 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com