Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117PI25 Datasheet (PDF) - KEC(Korea Electronics)

KIA1117PI25 Datasheet PDF - KEC(Korea Electronics)
Part # KIA1117PI25
Download  KIA1117PI25 Download
File Size   143.47 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA1117PI25 Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA1117PI25 Datasheet PDF - KEC(Korea Electronics)

Part # KIA1117PI25
Download  KIA1117PI25 Click to download

File Size   143.47 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA1117PI25 Datasheet (HTML) - KEC(Korea Electronics)


KIA1117PI25 Product details

FEATURES
Low Dropout Voltage : 1.1V/Typ. (Iout=0.8A)
Very Low Quiescent Current : 4.2 /Typ.
Output Current up to 0.8A
Fixed Output Voltage of 1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 5.0V
Adjustable Version Availability : Vref=1.25V
Internal Current and Thermal Limit
Only 10 for stability
Available in 2%(at 25 ) and 4% in full Temperature range
High Ripple Rejection : 80dB/Typ.
Temperature Range : 0 125




Similar Part No. - KIA1117PI25

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA1117API00 KEC-KIA1117API00 Datasheet
73Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API15 KEC-KIA1117API15 Datasheet
73Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API18 KEC-KIA1117API18 Datasheet
73Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API25 KEC-KIA1117API25 Datasheet
73Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API28 KEC-KIA1117API28 Datasheet
73Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA1117PI25

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com