Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDM3043 Datasheet (PDF) - Solid State Inc

TDM3043 Datasheet PDF - Solid State Inc
Part # TDM3043
Download  TDM3043 Download
File Size   398.92 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Trigger Current (5mA MAX)

TDM3043 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDM3043 Datasheet PDF - Solid State Inc

Part # TDM3043
Download  TDM3043 Click to download

File Size   398.92 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Trigger Current (5mA MAX)

TDM3043 Datasheet (HTML) - Solid State Inc


TDM3043 Product details

Features
 Ultra Miniature 4-Pin Small Outline Package
 Zero Volt Switching
 400V Blocking Voltage
 Low Trigger Current (5mA MAX)
 High Input-to-Output Isolation (3.75kVRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Home Appliances
 Motor / Drive Controls
 Solid State Relays
 Solenoid / Valve Controls
 Temperature Controls




Similar Part No. - TDM3043

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TDM3043 SSOUSA-TDM3043 Datasheet
385Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
More results


Similar Description - TDM3043

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
Single Color Low Current Type (IF=5mA)
logo
Solid State Optronic
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
TD3061 SSOUSA-TD3061 Datasheet
436Kb / 9P
Trigger Current (15mA MAX)
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
Trigger Current (5mA MAX)
logo
Shanghai Leiditech Elec...
BC856A LEIDITECH-BC856A Datasheet
679Kb / 4P
Low current.(max.100mA)
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com