Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1010290 Datasheet (PDF) - PHOENIX CONTACT

1010290 Datasheet PDF - PHOENIX CONTACT
Part # 1010290
Download  1010290 Download
File Size   323.72 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 83D 35A - Miniature Circuit Breaker

1010290 Datasheet (PDF)

Go To PDF Page Download Datasheet
1010290 Datasheet PDF - PHOENIX CONTACT

Part # 1010290
Download  1010290 Click to download

File Size   323.72 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 83D 35A - Miniature Circuit Breaker

1010290 Datasheet (HTML) - PHOENIX CONTACT


1010290 Product details

Miniature Circuit Breaker thermal-magnetic, 3-position, use: Branch Circuit Protection (UL 489),
for protection against overload with a breaking capacity of 10 kA, tripping characteristic: D,
mounting type: NS 35/..., rated current: 35 A




Similar Part No. - 1010290

ManufacturerPart #DatasheetDescription
logo
Lapp.
10102900 LAPP-10102900 Datasheet
125Kb / 2P
EPIC® H-B 24 AG-LB
17.09.2018
10102900 LAPP-10102900 Datasheet
140Kb / 5P
3.2 EPIC® DA-VINCI H-B
More results


Similar Description - 1010290

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM235 SCHNEIDER-HOM235 Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 35A
Nov 22, 2019
HOM235CP SCHNEIDER-HOM235CP Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 35A
QOU330VH SCHNEIDER-QOU330VH Datasheet
114Kb / 2P
QOU Miniature Circuit Breaker, 35A, 3P, 240V, 22kA
Feb 21, 2020
QOU335 SCHNEIDER-QOU335 Datasheet
147Kb / 2P
QOU Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
Feb 21, 2020
QOUR235 SCHNEIDER-QOUR235 Datasheet
114Kb / 2P
QOUR Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUQ235 SCHNEIDER-QOUQ235 Datasheet
108Kb / 2P
QOUQ Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
QOUQ335 SCHNEIDER-QOUQ335 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
QOU135VH SCHNEIDER-QOU135VH Datasheet
112Kb / 2P
QOU Miniature Circuit Breaker, 35A, 1P, 120/240V, 22kA
Mar 2, 2020
EDB14035SA SCHNEIDER-EDB14035SA Datasheet
55Kb / 1P
MINIATURE CIRCUIT BREAKER 277V 35A
Jun 17, 2020
EDB24035AABA SCHNEIDER-EDB24035AABA Datasheet
54Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 35A
Jun 17, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com