Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J108TU Datasheet (PDF) - Toshiba Semiconductor

SSM3J108TU Datasheet PDF - Toshiba Semiconductor
Part # SSM3J108TU
Download  SSM3J108TU Download
File Size   143.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications

SSM3J108TU Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3J108TU Datasheet PDF - Toshiba Semiconductor

Part # SSM3J108TU
Download  SSM3J108TU Click to download

File Size   143.46 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications

SSM3J108TU Datasheet (HTML) - Toshiba Semiconductor


SSM3J108TU Product details

High Speed Switching Applications

• 1.8V drive
• Low on-resistance: Ron = 363mΩ (max) (@VGS = −1.8 V)
                                  Ron = 230mΩ (max) (@VGS = −2.5 V)
                                  Ron = 158mΩ (max) (@VGS = −4.0 V)




Similar Part No. - SSM3J108TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J109TU TOSHIBA-SSM3J109TU Datasheet
201Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
More results


Similar Description - SSM3J108TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J01F TOSHIBA-SSM3J01F Datasheet
614Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications
SSM3J15FU TOSHIBA-SSM3J15FU Datasheet
221Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15TE TOSHIBA-SSM3J15TE Datasheet
184Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J110TU TOSHIBA-SSM3J110TU Datasheet
143Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J111TU TOSHIBA-SSM3J111TU Datasheet
476Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J112TU TOSHIBA-SSM3J112TU Datasheet
131Kb / 6P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J113TU TOSHIBA-SSM3J113TU Datasheet
128Kb / 6P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J117TU TOSHIBA-SSM3J117TU Datasheet
132Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
SSM3J118TU TOSHIBA-SSM3J118TU Datasheet
131Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
SSM3J305T TOSHIBA-SSM3J305T Datasheet
168Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com