Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5DS32M16DS Datasheet (PDF) - Nanya Technology Corporation.

NT5DS32M16DS Datasheet PDF - Nanya Technology Corporation.
Part # NT5DS32M16DS
Download  NT5DS32M16DS Download
File Size   2255.27 Kbytes
Page   71 Pages
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.
Description 512Mb DDR SDRAM

NT5DS32M16DS Datasheet (PDF)

Go To PDF Page Download Datasheet
NT5DS32M16DS Datasheet PDF - Nanya Technology Corporation.

Part # NT5DS32M16DS
Download  NT5DS32M16DS Click to download

File Size   2255.27 Kbytes
Page   71 Pages
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.
Description 512Mb DDR SDRAM

NT5DS32M16DS Datasheet (HTML) - Nanya Technology Corporation.


NT5DS32M16DS Product details

Feature
z Power Supply Voltage:
VDD=VDDQ=2.5V±0.2V (DDR-333)
VDD=VDDQ=2.6V±0.1V (DDR-400/500)
z 4 internal memory banks for concurrent operation.
z CAS Latency: 2, 2.5 and 3
z Double Data Rate Architecture
z Bidirectional data strobe (DQS) is transmitted and
received with data, to be used in capturing data at the
receiver.
z Industrial grade device support -40℃~95℃ Operating
Temperature (-75I/-6KI/5TI)
z 2KB page size for all configurations.
z DQS is edge-aligned with data for reads and is
center-aligned with data for WRITEs
z Differential clock inputs (CK and CK)
z Data mask (DM) for write data
z DLL aligns DQ and DQS transition with CK transitions.
z Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
z Burst Lengths: 2, 4 or 8
z Auto Precharge option for each burst access
z Auto-Refresh and Self-Refresh Mode
z 7.8 µs max. Average Periodic Refresh Interval
z 2.5V (SSTL_2 compatible) I/O
z RoHS compliance
z JEDEC Standard Compliance
z Packages: 66 pin TSOPII




Similar Part No. - NT5DS32M16DS

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5DS32M4AT NANYA-NT5DS32M4AT Datasheet
3Mb / 76P
128Mb Double Data Rate SDRAM
REV 1.0 05/2001
NT5DS32M4AT-75B NANYA-NT5DS32M4AT-75B Datasheet
3Mb / 76P
128Mb Double Data Rate SDRAM
REV 1.0 05/2001
NT5DS32M4AT-7K NANYA-NT5DS32M4AT-7K Datasheet
3Mb / 76P
128Mb Double Data Rate SDRAM
REV 1.0 05/2001
NT5DS32M4AT-8B NANYA-NT5DS32M4AT-8B Datasheet
3Mb / 76P
128Mb Double Data Rate SDRAM
REV 1.0 05/2001
logo
List of Unclassifed Man...
NT5DS32M8AT ETC-NT5DS32M8AT Datasheet
269Kb / 27P
256Mb DDR333/300 SDRAM
More results


Similar Description - NT5DS32M16DS

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com