Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1307 Datasheet (PDF) - Inchange Semiconductor Company Limited

ISF1307 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISF1307
Download  ISF1307 Download
File Size   389.55 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

ISF1307 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISF1307 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISF1307
Download  ISF1307 Click to download

File Size   389.55 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description P-Channel MOSFET Transistor

ISF1307 Datasheet (HTML) - Inchange Semiconductor Company Limited


ISF1307 Product details

FEATURES
· Drain Current -ID= -90A@ TC=25℃
· Drain Source Voltage -VDSS= -200V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 44mΩ(Max)@VGS= -10V
APPLICATIONS
· Automatic Test Equipment
· Current Regulators
· DC Choppers




Similar Part No. - ISF1307

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISF1300 ISC-ISF1300 Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
ISF1301 ISC-ISF1301 Datasheet
460Kb / 2P
N-Channel MOSFET Transistor
ISF1302 ISC-ISF1302 Datasheet
454Kb / 2P
N-Channel MOSFET Transistor
ISF1306 ISC-ISF1306 Datasheet
352Kb / 2P
N-Channel MOSFET Transistor
ISF1308 ISC-ISF1308 Datasheet
324Kb / 2P
N-Channel MOSFET Transistor
More results


Similar Description - ISF1307

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD068P03L3 ISC-IPD068P03L3 Datasheet
340Kb / 2P
P-Channel MOSFET Transistor
IRF9Z34N ISC-IRF9Z34N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF5210 ISC-IRF5210 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF5305 ISC-IRF5305 Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
IRF6218 ISC-IRF6218 Datasheet
333Kb / 2P
P-Channel MOSFET Transistor
IRF9530N ISC-IRF9530N Datasheet
335Kb / 2P
P-Channel MOSFET Transistor
IRF9540N ISC-IRF9540N Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP80P06P ISC-SPP80P06P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
SPP15P10P ISC-SPP15P10P Datasheet
334Kb / 2P
P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com