Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J115TU Datasheet (PDF) - Toshiba Semiconductor

SSM3J115TU Datasheet PDF - Toshiba Semiconductor
Part # SSM3J115TU
Download  SSM3J115TU Download
File Size   139.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications Power Management Switch Applications

SSM3J115TU Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3J115TU Datasheet PDF - Toshiba Semiconductor

Part # SSM3J115TU
Download  SSM3J115TU Click to download

File Size   139.6 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications Power Management Switch Applications

SSM3J115TU Datasheet (HTML) - Toshiba Semiconductor


SSM3J115TU Product details

High-Speed Switching Applications
Power Management Switch Applications

• 1.5 V drive
• Low ON-resistance: Ron = 353 mΩ (max) (@VGS = −1.5 V)
                                   Ron = 193 mΩ (max) (@VGS = −1.8 V)
                                   Ron = 125 mΩ (max) (@VGS = −2.5 V)
                                   Ron = 98 mΩ (max) (@VGS = −4.0 V)




Similar Part No. - SSM3J115TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J115TU TOSHIBA-SSM3J115TU Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - SSM3J115TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J15FS TOSHIBA-SSM3J15FS Datasheet
182Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FU TOSHIBA-SSM3J15FU Datasheet
221Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FV TOSHIBA-SSM3J15FV Datasheet
140Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15TE TOSHIBA-SSM3J15TE Datasheet
184Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FS TOSHIBA-SSM3J16FS Datasheet
179Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FU TOSHIBA-SSM3J16FU Datasheet
216Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16TE TOSHIBA-SSM3J16TE Datasheet
180Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J109TU TOSHIBA-SSM3J109TU Datasheet
201Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
SSM3J120TU TOSHIBA-SSM3J120TU Datasheet
198Kb / 6P
Field Effect Transistor Silicon P Channel MOS Type Power Management Switch Applications High-Current Switching Applications
SSM3J304T TOSHIBA-SSM3J304T Datasheet
238Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type Power Management Switch Applications High-Speed Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com