Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3754 Datasheet (PDF) - Toshiba Semiconductor

2SK3754 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3754
Download  2SK3754 Download
File Size   145.7 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Relay Drive, DC−DC Converter and Motor Drive Applications

2SK3754 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3754 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3754
Download  2SK3754 Click to download

File Size   145.7 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Relay Drive, DC−DC Converter and Motor Drive Applications

2SK3754 Datasheet (HTML) - Toshiba Semiconductor


2SK3754 Product details

Relay Drive, DC−DC Converter and Motor Drive Applications

• 4.5-V gate drive
• Low drain-source ON resistance: RDS (ON) = 71 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 5.0 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement-model: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3754 TOSHIBA-2SK3754 Datasheet
139Kb / 3P
Relay Drive, DC?묭C Converter
2SK3754 TOSHIBA-2SK3754_09 Datasheet
139Kb / 3P
Relay Drive, DC?묭C Converter
More results


Similar Description - 2SK3754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2549 TOSHIBA-2SK2549_06 Datasheet
677Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2601 TOSHIBA-2SK2601_06 Datasheet
707Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_06 Datasheet
151Kb / 3P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2698 TOSHIBA-2SK2698_06 Datasheet
709Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2862 TOSHIBA-2SK2862_06 Datasheet
716Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2967 TOSHIBA-2SK2967_06 Datasheet
722Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2991 TOSHIBA-2SK2991_06 Datasheet
767Kb / 6P
Silicon N Channel MOS Type DC−DC Converter Relay Drive and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com