Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTR-240 Datasheet (PDF) - SOVICO corp.

BTR-240 Datasheet PDF - SOVICO corp.
Part # BTR-240
Download  BTR-240 Download
File Size   731.45 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description BTR-240 &TR-240 2.4GHz Wireless Intercom

BTR-240 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTR-240 Datasheet PDF - SOVICO corp.

Part # BTR-240
Download  BTR-240 Click to download

File Size   731.45 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description BTR-240 &TR-240 2.4GHz Wireless Intercom

BTR-240 Datasheet (HTML) - SOVICO corp.


BTR-240 Product details

• License Free 2.4GHz, IEEE 802.11b WLAN
technology
• Expand coverage using BTR-24 access points
• Multi-level security and audio encryption
• 2-wire and 4-wire intercom interface
• ClearScan channel selection
• Auto-select Electret or Dynamic microphone
• Choice of two (2) independent or simultaneous audio
channels
• TR-240 beltpacks operate wired or wireless
• Eight (8) full-duplex beltpacks with virtually unlimited
number of half-duplex beltpacks
• TR-240 beltpacks can operate as an access point
• Multiple antenna options and accessories
• Durable ABS construction
• Easy-to-read LCD indicates system status
• Removable Li-Ion batteries with wide temperature range
and up to eight (8) hours of operation.
Features




Similar Part No. - BTR-240

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTR-3420-SPG OPTOWAY-BTR-3420-SPG Datasheet
121Kb / 4P
1310 nm TX / 1550 nm RX , 5V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3420A-SPG OPTOWAY-BTR-3420A-SPG Datasheet
121Kb / 4P
1310 nm TX / 1550 nm RX , 5V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3420AG OPTOWAY-BTR-3420AG Datasheet
121Kb / 4P
1310 nm TX / 1550 nm RX , 5V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3420G OPTOWAY-BTR-3420G Datasheet
121Kb / 4P
1310 nm TX / 1550 nm RX , 5V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
BTR-3440-SPG OPTOWAY-BTR-3440-SPG Datasheet
121Kb / 4P
1310 nm TX / 1550 nm RX , 5V / 155 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Similar Description - BTR-240

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C Datasheet
534Kb / 20P
ZIGBIT 2.4GHZ WIRELESS MODULES
logo
Soshin electric Co., Lt...
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
2.4GHz Wireless LAN & Bluetooth
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
2.4GHz Wireless LAN & Bluetooth
DBF71A001 SOSHIN-DBF71A001 Datasheet
120Kb / 2P
2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
2.4GHz Wireless LAN & Bluetooth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com