Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF527C Datasheet (PDF) - Analog Devices

ADSP-BF527C Datasheet PDF - Analog Devices
Part # ADSP-BF527C
Download  ADSP-BF527C Download
File Size   829.28 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Embedded Processor

ADSP-BF527C Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-BF527C Datasheet PDF - Analog Devices

Part # ADSP-BF527C
Download  ADSP-BF527C Click to download

File Size   829.28 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Embedded Processor

ADSP-BF527C Datasheet (HTML) - Analog Devices


ADSP-BF527C Product details

GENERAL DESCRIPTION
This document describes the differences between the ADSP-BF52xC and the ADSP-BF52x standard Blackfin® product. Please refer to the published ADSP-BF52x data sheet for general description and specifications. This document only describes the differences from that data sheet.

PROCESSOR FEATURES
   Up to 600 MHz high performance Blackfin processor
      RISC-like register and instruction model for ease of
         programming and compiler-friendly support
      Advanced debug, trace, and performance monitoring
   Accepts a wide range of supply voltages for internal and I/O
      operations. See operating conditions in the published
      ADSP-BF52x processor data sheet.
   Programmable on-chip voltage regulator (ADSP-BF523/
      ADSP-BF525/ADSP-BF527processors only)
   Embedded low power audio codec
   289-ball (12 mm x 12 mm) CSP_BGA package
   132K bytes of on-chip memory
   External memory controller with glueless support for SDRAM
      and asynchronous 8-bit and 16-bit memories
   Flexible booting options from external flash, SPI and TWI
      memory or from host devices including SPI, TWI, and UART
   Code security with Lockbox Secure Technology
      one-time-programmable (OTP) memory
   Memory management unit providing memory protection
   2 dual-channel memory DMA controllers

EMBEDDED CODEC FEATURES
   Stereo, 24-bit ADCs and DACs
   DAC SNR: 100 dB (A-weighted), THD: –80 dB at 48 kHz, 3.3 V
   ADC SNR: 90 dB (A-weighted), THD: –80 dB at 48 kHz, 3.3 V
   Highly efficient headphone amplifier
   Stereo line input and monaural microphone input
   Low power
      7 mW stereo playback (1.8 V supply)
      14 mW record and playback (1.8 V supply)
   Low supply voltages
      Analog: 1.8 V to 3.6 V
      Digital core: 1.8 V min
      Digital I/O: 1.8 V to 3.6 V
   256 × fS /384 × fS oversampling rate in normal mode;
      250 × fS/272 × fS oversampling rate in USB mode
   Audio sampling rates: 8 kHz, 11.025 kHz, 12 kHz, 16 kHz,
      22.05 kHz, 24 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz,
      and 96 kHz

PERIPHERALS
   See the published ADSP-BF52x processor data sheet for
      additional peripherals




Similar Part No. - ADSP-BF527C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF527C AD-ADSP-BF527C Datasheet
2Mb / 44P
Blackfin Embedded Processor 289-ball MBGA package
Rev. PrC
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
Blackfin Embedded Processor with Codec
REV. A
More results


Similar Description - ADSP-BF527C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF535 AD-ADSP-BF535 Datasheet
1Mb / 44P
Blackfin Embedded Processor
9/04-Data Sheet Changed from REV. 0 to REV. A
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
Embedded Processor
REV. A
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
logo
Analog Devices
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
Embedded Processor
REV. B
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
Embedded Processor
REV. C
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
Embedded Processor
Rev. C
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
TigerSHARC Embedded Processor
REV. C
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com