Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON3814 Datasheet (PDF) - Alpha & Omega Semiconductors

AON3814 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON3814
Download  AON3814 Download
File Size   127.44 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AON3814 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON3814 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON3814
Download  AON3814 Click to download

File Size   127.44 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor

AON3814 Datasheet (HTML) - Alpha & Omega Semiconductors


AON3814 Product details

General Description
The AON3814 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V while retaining a 12V VGS(MAX) rating. It is ESD protected. This device is suitable for use as a uni-directional or bi-directional load switch, facilitated by its common-drain configuration. Standard Product AON3814 is Pb-free (meets ROHS & Sony 259 specifications).

Features
   VDS (V) = 20V
   ID = 6A (VGS = 4.5V)
   RDS(ON) < 17mΩ (VGS = 4.5V)
   RDS(ON) < 18.5mΩ (VGS = 4V)
   RDS(ON) < 24mΩ (VGS = 2.5V)
   RDS(ON) < 39mΩ (VGS = 1.8V)

   ESD Protected




Similar Part No. - AON3814

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON3814 AOSMD-AON3814 Datasheet
375Kb / 5P
20V N-Channel MOSFET
AON3814 AOSMD-AON3814_10 Datasheet
375Kb / 5P
20V N-Channel MOSFET
More results


Similar Description - AON3814

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8832 AOSMD-AO8832 Datasheet
219Kb / 4P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com