Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1542 Datasheet (PDF) - ams AG

AS1542 Datasheet PDF - ams AG
Part # AS1542
Download  AS1542 Download
File Size   78.28 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 16-Channel, 1 Msps, 12-Bit ADC with Sequencer

AS1542 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1542 Datasheet PDF - ams AG

Part # AS1542
Download  AS1542 Click to download

File Size   78.28 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 16-Channel, 1 Msps, 12-Bit ADC with Sequencer

AS1542 Datasheet (HTML) - ams AG


AS1542 Product details

General Description

The AS1542 is a 12-bit high-speed, low-power, 16-channel, successive-approximation ADC that operates from a single 2.7 to 5.25V supply. The device features high throughput rates (1Msps) and a low-noise, wide-band width track-and-hold amplifier that can handle input frequencies in excess of 1 MHz.



Key Features

Single Supply Operation with VDRIVE Function: 2.7 to 5.25V

Fast Throughput Rate: 1 Msps

Sequencer & Channel Counter

Software-Configurable Analog Input Types:

  - 16-Channel Single-Ended

  - 8-Channel Fully-Differential

Software-Configurable Input Range

Low Power Consumption at Max Throughput Rates:

  - 10.1mW @ 1Msps (3.6V Supply)

  - 18.4mW @ 1Msps (5.25V Supply)

Shutdown Mode Current: 0.5µA

Flexible Power/Serial Clock Speed Management

Wide Input Bandwidth: 71dB SNR @ 50 kHz Input Frequency

No Pipeline Delays

High Speed SPI/QSPI/Microwire/DSP Interface

TSSOP-28 Package



Applications

The devices are ideal for remote sensors, data-acquisition and data-logging devices, pen-digitizers, process control, or any other space-limited A/D application with low power-consumption requirements.



 




Similar Part No. - AS1542

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1540-BQFT AMSCO-AS1540-BQFT Datasheet
749Kb / 20P
8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
AS1541 AMSCO-AS1541 Datasheet
750Kb / 20P
8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
AS1541 AMSCO-AS1541 Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1541-BQFT AMSCO-AS1541-BQFT Datasheet
746Kb / 20P
8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
AS1541-BTST AMSCO-AS1541-BTST Datasheet
750Kb / 20P
8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
More results


Similar Description - AS1542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490 AD-AD7490 Datasheet
2Mb / 24P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
10/02-Data Sheet changed from REV. 0 to REV. A.
logo
ams AG
AS1543 AMSCO-AS1543 Datasheet
1Mb / 29P
8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7490 AD-AD7490_17 Datasheet
748Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC
12/12-Rev. C to Rev. D
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com