Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR115 Datasheet (PDF) - Solid State Inc

TR115 Datasheet PDF - Solid State Inc
Part # TR115
Download  TR115 Download
File Size   329.54 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 20Ω MAX On Resistance (Relay Portion)

TR115 Datasheet (PDF)

Go To PDF Page Download Datasheet
TR115 Datasheet PDF - Solid State Inc

Part # TR115
Download  TR115 Click to download

File Size   329.54 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 20Ω MAX On Resistance (Relay Portion)

TR115 Datasheet (HTML) - Solid State Inc


TR115 Product details

Features
 Function Integration (SSR + Optocoupler) in compact
package
 20Ω MAX On Resistance (Relay Portion)
 120mA MAX Continuous Load Current (Relay Portion)
 Low Input Control Current (2.5mA TYP, Relay Portion)
 High Input-Output Isolation
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Telecom Switching
 Fax / Modem Modules
 Set-top Boxes
 DAA Arrangements
 Hookswitch
 Loop Current Detection
 Pulse Dialing




Similar Part No. - TR115

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TR115 SSOUSA-TR115 Datasheet
213Kb / 5P
Telecommunications Switch Optocoupler/1 Form A Relay
TR115-F1 SSOUSA-TR115-F1 Datasheet
187Kb / 5P
Telecommunications Switch Optocoupler/1 Form A Relay
logo
Solid State Inc
TR115-F1 SOLIDSTATE-TR115-F1 Datasheet
201Kb / 5P
Function integration (SSR Optocoupler) in compact pkg.
More results


Similar Description - TR115

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6680GM A-POWER-AP6680GM Datasheet
85Kb / 6P
Low On-Resistance, High Vgs Max Rating Voltage
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
Low ON-State Resistance ON-State Resistance Flatness
logo
Assmann Electronics Inc...
AK672M-2-3 ASSMANN-AK672M-2-3 Datasheet
203Kb / 1P
CONDUCT RESISTANCE : 2HM MAX
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
Low On-Resistance (1 ohm MAX)
AD6C541 SSOUSA-AD6C541_15 Datasheet
346Kb / 8P
Low On Resistance (1 Max)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
Low on-resistance (1 ohm MAX)
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
Max. of DC resistance
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-4R7M MURATA-A915AY-4R7M Datasheet
725Kb / 2P
Max. of DC resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com