Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN511 Datasheet (PDF) - NXP Semiconductors

PN511 Datasheet PDF - NXP Semiconductors
Part # PN511
Download  PN511 Download
File Size   627.73 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Transmission Module

PN511 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN511 Datasheet PDF - NXP Semiconductors

Part # PN511
Download  PN511 Click to download

File Size   627.73 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Transmission Module

PN511 Datasheet (HTML) - NXP Semiconductors


PN511 Product details

Introduction

This Product short data sheet describes the functionality of the transceiver IC PN511. It includes functional and electrical specifications. A complete specification is given in the product data sheet.



General description

The PN511 is a highly integrated transceiver IC for contactless communication at 13.56 MHz. This transceiver IC utilizes an outstanding modulation and demodulation concept completely integrated for different kinds of contactless communication methods and protocols at 13.56 MHz.



Features

■ Highly integrated analog circuitry to demodulate and decode responses

■ Buffered output drivers to connect an antenna with minimum number of external components

■ Integrated RF Level detector

■ Integrated data mode detector

■ ISO 14443A/Mifare support

■ Typical operating distance in Reader/Writer mode for communication to a ISO 14443A/Mifare or FeliCa card up to 50 mm depending on the antenna size, tuning and power supply

■ Typical operating distance in NFCIP-1 mode up to 50 mm depending on the antenna size and tuning and power supply

■ Typical operating distance in ISO 14443A/Mifare card or FeliCa Card Operation mode of about 100 mm depending on the antenna size and tuning and the external field strength

■ Mifare Classic encryption in Reader/Writer mode support

■ ISO 14443A higher transfer speed communication at 212 kbit/s and 424 kbit/s

■ Contactless communication according to the FeliCa scheme at 212 kbit/s and 424 kbit/s

■ Integrated RF interface for NFCIP-1 up to 424 kbit/s

■ S2C interface

■ Supported host controller interfaces

   ♦ SPI interface up to 10 Mbit/s

   ♦ I2C interface up to 400 kbit/s in Fast mode, up to 3400 kbit/s in High-speed mode

   ♦ serial UART in different transfer speeds up to 1228.8 kbit/s, framing according to the RS232 interface with voltage levels according pad voltage supply

   ♦ 8-bit parallel interface with and without Address Latch Enable

■ Comfortable 64 byte send and receive FIFO-buffer

■ Flexible interrupt modes

■ Hard reset with low power function

■ Power-down mode per software

■ Programmable timer

■ Internal oscillator to connect 27.12 MHz quartz

■ 2.5-3.6 V power supply

■ CRC Co-processor

■ Free programmable I/O pins

■ Internal self test



 




Similar Part No. - PN511

ManufacturerPart #DatasheetDescription
logo
Micross Components
PN5114 MICROSS-PN5114 Datasheet
308Kb / 1P
Linear Systems replaces discontinued Siliconix PN5114
PN5114_TO-92 MICROSS-PN5114_TO-92 Datasheet
308Kb / 1P
P-CHANNEL JFET
PN5115 MICROSS-PN5115 Datasheet
307Kb / 1P
Linear Systems replaces discontinued Siliconix PN5115
PN5115_TO-92 MICROSS-PN5115_TO-92 Datasheet
307Kb / 1P
P-CHANNEL JFET
PN5116 MICROSS-PN5116 Datasheet
281Kb / 1P
Linear Systems replaces discontinued Siliconix PN5116
More results


Similar Description - PN511

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CND0201A PANASONIC-CND0201A Datasheet
32Kb / 2P
Optical Transmission Module for IrDA
logo
Toshiba Semiconductor
TORX180 TOSHIBA-TORX180 Datasheet
159Kb / 9P
FIBER OPTIC RECEIVING MODULE FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
TORX186 TOSHIBA-TORX186 Datasheet
152Kb / 8P
FIBER OPTIC RECEIVING MODULE FOR SIMPLEX DIGITAL SIGNAL TRANSMISSION
16-Aug-2001
logo
NXP Semiconductors
PN531 PHILIPS-PN531 Datasheet
454Kb / 19P
關C based Transmission module
February 2004
PN512 NXP-PN512_11 Datasheet
841Kb / 125P
Transmission module Integrated data mode detector
Rev. 3.7-18 May 2011
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
BLE Transparent Transmission Module
logo
M-System Co.,Ltd.
CND MSYSTEM-CND Datasheet
302Kb / 7P
Multiplex Transmission System
logo
TE Connectivity Ltd
CAT-ATS0035 TEC-CAT-ATS0035 Datasheet
88Kb / 1P
DCT TRANSMISSION SENSOR MODULE
CAT-ATS0036 TEC-CAT-ATS0036 Datasheet
113Kb / 1P
DCT TRANSMISSION SENSOR MODULE
CAT-ATS0037 TEC-CAT-ATS0037 Datasheet
95Kb / 1P
DCT TRANSMISSION SENSOR MODULE
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com