Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM-CD16S Datasheet (PDF) - Campbell Scientific United Kingdom

SDM-CD16S Datasheet PDF - Campbell Scientific United Kingdom
Part # SDM-CD16S
Download  SDM-CD16S Download
File Size   570.02 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 16-Channel Solid-State DC Controller

SDM-CD16S Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM-CD16S Datasheet PDF - Campbell Scientific United Kingdom

Part # SDM-CD16S
Download  SDM-CD16S Click to download

File Size   570.02 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description 16-Channel Solid-State DC Controller

SDM-CD16S Datasheet (HTML) - Campbell Scientific United Kingdom


SDM-CD16S Product details

Benefits and Features
Allows the data loggerto automatically turn devices on or off when a threshold (for example, temperature or water depth) has been reached
Provides a manual override
Includes LEDs for a visual indicator of active outputs
Drives up to 100 W of power on each channel

Technical Description
This relay driver provides 16 DC voltage outputs that can be switched on and off manually or under datalogger control. The SDM-CD16S's toggle switch has three positions: MANUAL, OFF and AUTO. In the MANUAL position, outputs are controlled by the position of the individual rocker switches. In the OFF position, all outputs are off. In the AUTO position, the state of the relays is controlled by the SDM commands from the datalogger or by the logic control inputs.
Separate inputs for power-to-outputs (48 Vdc maximum) and power-to-SDM-CD16S logic (7 to 48 Vdc) allow the option of powering the logic from the datalogger's 12V while switching a higher voltage.
With a voltage range of up to 48 Vdcand a maximum current output per channel of 2 A, the SDM-CD165S can drive up to 100 W of power on each channel.




Similar Part No. - SDM-CD16S

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
SDM-CD16ACA CAMPBELL-SDM-CD16ACA Datasheet
523Kb / 2P
16-Channel AC/DC Relay Controller
05/04/2022
SDM-CD16D CAMPBELL-SDM-CD16D Datasheet
509Kb / 2P
16-Channel Digital Control Port Module
08/05/2020
More results


Similar Description - SDM-CD16S

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
Programmable DC Solid State Power Controller Module
SPDPXXD28-1 SENSITRON-SPDPXXD28-1 Datasheet
249Kb / 14P
Programmable DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com