Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8N65F Datasheet (PDF) - List of Unclassifed Manufacturers

8N65F Datasheet PDF - List of Unclassifed Manufacturers
Part # 8N65F
Download  8N65F Download
File Size   193.22 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8A mps,650 Volts N-CHANNEL MOSFET

8N65F Datasheet (PDF)

Go To PDF Page Download Datasheet
8N65F Datasheet PDF - List of Unclassifed Manufacturers

Part # 8N65F
Download  8N65F Click to download

File Size   193.22 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8A mps,650 Volts N-CHANNEL MOSFET

8N65F Datasheet (HTML) - List of Unclassifed Manufacturers


8N65F Product details

FEATURE
 8A,650V,RDS(ON)=1.0Ω@VGS=10V/4A
 Low gate charge  Low Ciss  Fast switching
 100% avalanche tested
 Improved dv/dt capability




Similar Part No. - 8N65F

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
8N65F CHONGQING-8N65F Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
logo
SUNMATE electronic Co.,...
8N65F SUNMATE-8N65F Datasheet
1Mb / 8P
N-CHANNEL POWER MOSFET
More results


Similar Description - 8N65F

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
2N65 CHONGQING-2N65 Datasheet
201Kb / 2P
2A mps,650 Volts N-CHANNEL MOSFET
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
7A mps,600 Volts N-CHANNEL MOSFET
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
8N60 CHONGQING-8N60 Datasheet
194Kb / 2P
8A mps,600 Volts N-CHANNEL MOSFET
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
F10A mps,650 Volts N-CHANNEL MOSFET
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
12A mps,600 Volts N-CHANNEL MOSFET
12N65 CHONGQING-12N65 Datasheet
194Kb / 2P
12A mps,650 Volts N-CHANNEL MOSFET
20N06 CHONGQING-20N06 Datasheet
193Kb / 2P
20A mps,60 Volts N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com