Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH08FE Datasheet (PDF) - Toshiba Semiconductor

TC7SH08FE Datasheet PDF - Toshiba Semiconductor
Part # TC7SH08FE
Download  TC7SH08FE Download
File Size   152.48 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2 Input AND Gate

TC7SH08FE Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7SH08FE Datasheet PDF - Toshiba Semiconductor

Part # TC7SH08FE
Download  TC7SH08FE Click to download

File Size   152.48 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 2 Input AND Gate

TC7SH08FE Datasheet (HTML) - Toshiba Semiconductor


TC7SH08FE Product details

Features

• Super high speed operation :tPD = 4.3 ns (typ.)@VCC = 5 V

• Low power dissipation : ICC = 2 µA (Max.)@ Ta = 25°C

• High noise immunity : VNIH = VNIH = 28% VCC (Min.)

• 5.5V tolerant input.

• Wide operation voltage range : VCC (opr) = 2~5.5 V




Similar Part No. - TC7SH08FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH08F TOSHIBA-TC7SH08F Datasheet
197Kb / 5P
2-INPUT AND GATE
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SH08FU TOSHIBA-TC7SH08FU Datasheet
197Kb / 5P
2-INPUT AND GATE
TC7SH08FUTE85LF TOSHIBA-TC7SH08FUTE85LF Datasheet
174Kb / 7P
2-Input AND Gate
TC7SH08FU TOSHIBA-TC7SH08FU_09 Datasheet
174Kb / 7P
2-Input AND Gate
More results


Similar Description - TC7SH08FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com