Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF02 Datasheet (PDF) - Toshiba Semiconductor

CRF02 Datasheet PDF - Toshiba Semiconductor
Part # CRF02
Download  CRF02 Download
File Size   171.97 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power Supply Applications

CRF02 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRF02 Datasheet PDF - Toshiba Semiconductor

Part # CRF02
Download  CRF02 Click to download

File Size   171.97 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power Supply Applications

CRF02 Datasheet (HTML) - Toshiba Semiconductor


CRF02 Product details

Power Supply Applications
Strobo Flasher Applications

• Repetitive peak reverse voltage: VRRM = 800 V
• Average forward current: IF (AV) = 0.5 A
• Low forward voltage: VFM = 3.0 V (max.)
• Very fast reverse-recovery time: trr = 100 ns (max.)
• Suitable for compact assembly due to its small surface-mount package, the “S−FLATTM” (Toshiba package name)




Similar Part No. - CRF02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRF03 TOSHIBA-CRF03 Datasheet
172Kb / 4P
Switching Mode Power Supply Applications
logo
Meder Electronic
CRF03-1A MEDER-CRF03-1A Datasheet
111Kb / 2P
CRF Reed Relay
logo
Toshiba Semiconductor
CRF03A TOSHIBA-CRF03A Datasheet
293Kb / 7P
Fast Recovery Diode (FRD) Silicon Diffused Junction
logo
Meder Electronic
CRF05-1A MEDER-CRF05-1A Datasheet
417Kb / 2P
CRF Reed Relay
CRF05-1AS MEDER-CRF05-1AS Datasheet
390Kb / 2P
7 GHz High Frequency Reed Relay for 50ohm Impedance
More results


Similar Description - CRF02

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5808 SANYO-2SC5808 Datasheet
34Kb / 4P
Switching Power Supply Applications
logo
Toshiba Semiconductor
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
2SK1365 TOSHIBA-2SK1365_09 Datasheet
405Kb / 6P
Switching Power Supply Applications
logo
Surge Components
BAT60BWS SURGE-BAT60BWS Datasheet
764Kb / 3P
for power supply applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com