Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-20 Datasheet (PDF) - SOVICO corp.

PS-20 Datasheet PDF - SOVICO corp.
Part # PS-20
Download  PS-20 Download
File Size   297.88 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Power Supply

PS-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS-20 Datasheet PDF - SOVICO corp.

Part # PS-20
Download  PS-20 Click to download

File Size   297.88 Kbytes
Page   2 Pages
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.
Description Power Supply

PS-20 Datasheet (HTML) - SOVICO corp.


PS-20 Product details

• The PS-20 is selectable between RTS 2-channel,
RTS 4-channel and Clear-Com mode.
• There is an audio link connection (¼-inch (6.3 mm)
stereo plug) on the back of the unit.
• The 3-pin XLR monitoring output connector on the
front of the PS-20 allows the user to connect a RTS
user station to monitor a channel or both channels.
• There is a green status indicator for each channel
on the front of the unit. Each of these indicators will
remain lit during normal operation, but will turn red
during a channel current overload condition. Output
current is automatically reduced during an overload,
and normal operation is restored when the overload is
removed.
• There is a program input connector on the rear
panel. This can be used to connect a device that
both channel 1 and channel 2 can listen to at the
same time. A channel select switch on the front panel
assigns the program to either or both channels. A
level control adjusts the program level to the intercom
channel.
• Intercom channels (user stations) are connected to the
rear panel of the PS-20 with 3-pin XLR connectors.
• The impedance select switch on the rear panel allows
each channel to be set for 200Ω or 400Ω operation.
Select 200Ω for each channel operated independently.
Select 400Ω for each channel connected to another
channel.
Features




Similar Part No. - PS-20

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
PS-200 SOVICO-PS-200 Datasheet
1Mb / 1P
Power Sequening System
Feb. 2017.
logo
Emcore Corporation
PS-200-XX EMCORE-PS-200-XX Datasheet
936Kb / 3P
Wideband Optical Link
PS-200-XX EMCORE-PS-200-XX Datasheet
1Mb / 4P
CWDM Wideband Optical Link
PS-200-XX EMCORE-PS-200-XX Datasheet
1,023Kb / 4P
DWDM Wideband Optical Link
PS-200F EMCORE-PS-200F Datasheet
55Kb / 1P
200 Watt Universal Power Supply for use with OT-CC-16F
More results


Similar Description - PS-20

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com