Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L431L Datasheet (PDF) - List of Unclassifed Manufacturers

L431L Datasheet PDF - List of Unclassifed Manufacturers
Part # L431L
Download  L431L Download
File Size   562.26 Kbytes
Page   11 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 1.24V Low-Voltage Adjustable Precision Shunt Regulator

L431L Datasheet (PDF)

Go To PDF Page Download Datasheet
L431L Datasheet PDF - List of Unclassifed Manufacturers

Part # L431L
Download  L431L Click to download

File Size   562.26 Kbytes
Page   11 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 1.24V Low-Voltage Adjustable Precision Shunt Regulator

L431L Datasheet (HTML) - List of Unclassifed Manufacturers


L431L Product details

GENERAL DESCRIPTION
The L431L is a three-terminal adjustable shunt regulator utilizing an accurate 1.24V band gap reference. The output voltage can be set to any value between 1.24V (VREF) to 18V with two external resistors as shown in the typical application circuit. The device exhibit a wide operating current range of 0.2 to 100 mA with a typical dynamic impedance of 0.25Ω. Active output circuitry provides a very sharp turn-on characteristic, making the L431L excellent replacements for low-voltage zener diodes in many applications, including on-board regulation and adjustable power supplies.
When used with an opto-coupler, the L431L is ideal voltage reference in isolated feedback circuits for 3.3V switching-mode power supplies. The L431L shunt regulator is available in two voltage tolerances (0.5% & 1.0%) and three package options (TO-92, SOT-23-3 and SO-8).

FEATURES
● Internal amplifier with 100 mA capability
● Programmable output voltage to 18V
● 0.25Ω typical output impedance
● Pin to pin compatible with TLV431A, TS431, SC431L & AS432
● Trimmed bandgap design 0.5% & 1.0% with three package options
● Low output noise

APPLICATIONS
● Linear regulator controller
● Precision voltage reference
● Switching power supplies
● Battery operating equipment
● Instrumentation
● PCs, Computer disk drives




Similar Part No. - L431L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431M3A ETC1-L431M3A Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431M5A ETC1-L431M5A Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431NA ETC1-L431NA Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431VA ETC1-L431VA Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
More results


Similar Description - L431L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432 Datasheet
165Kb / 5P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com