Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWJ1100 Datasheet (PDF) - Toshiba Semiconductor

TLWJ1100 Datasheet PDF - Toshiba Semiconductor
Part # TLWJ1100
Download  TLWJ1100 Download
File Size   278.35 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Panel Circuit Indicator

TLWJ1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLWJ1100 Datasheet PDF - Toshiba Semiconductor

Part # TLWJ1100
Download  TLWJ1100 Click to download

File Size   278.35 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Panel Circuit Indicator

TLWJ1100 Datasheet (HTML) - Toshiba Semiconductor


TLWJ1100 Product details

Panel Circuit Indicator

• Surface-mount devices
• 3.2 (L) × 2.8 (W) × 1.9 (H) mm
• LED chip + phosphor
• Luminous intensity : Iv = 750 mcd (typ.) @20mA
• Color: White
• Chromaticity (typ.) : Cx=0.32,Cy=0.31
• Topr / Tstg = -40 to 100°C
• Reflow soldering is possible
• Applications: automotive use, backlighting etc.
• Standard embossed tape packing: T11 (2000/reel) 8-mm tape reel




Similar Part No. - TLWJ1100

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TLW-106-06-G-S SAMTEC-TLW-106-06-G-S Datasheet
1Mb / 1P
LOW PROFILE .025" SQ POST HEADERS
logo
Texas Instruments
TLW.8600 TI-TLW.8600 Datasheet
191Kb / 7P
clear, non diffused LED
logo
Omron Electronics LLC
TLW5MB12M0MC OMRON-TLW5MB12M0MC Datasheet
223Kb / 8P
Miniature Inductive Prox
logo
Toshiba Semiconductor
TLWA1100 TOSHIBA-TLWA1100 Datasheet
271Kb / 8P
Panel Circuit Indicator
TLWA1100T11 TOSHIBA-TLWA1100T11 Datasheet
271Kb / 8P
Panel Circuit Indicator
More results


Similar Description - TLWJ1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLOH190P TOSHIBA-TLOH190P_06 Datasheet
167Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com