Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WH32FC Datasheet (PDF) - Toshiba Semiconductor

TC7WH32FC Datasheet PDF - Toshiba Semiconductor
Part # TC7WH32FC
Download  TC7WH32FC Download
File Size   148.25 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate

TC7WH32FC Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7WH32FC Datasheet PDF - Toshiba Semiconductor

Part # TC7WH32FC
Download  TC7WH32FC Click to download

File Size   148.25 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate

TC7WH32FC Datasheet (HTML) - Toshiba Semiconductor


TC7WH32FC Product details

Features
■ High-speed :tpd = 3.8 ns (Typ.) at VCC = 5 V
■ Low power dissipation
■ :ICC=2μA(Max.) at Ta=25°C
■ High noise immunity
■ :VNIH=VNIL=28%VCC(Min.)
■ Operation voltage range
■ :VCC(opr.)=2~5.5V
■ 5.5-V Tolerant inputs.




Similar Part No. - TC7WH32FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH32FK TOSHIBA-TC7WH32FK Datasheet
195Kb / 6P
DUAL 2-INPUT OR GATE
28-May-1998
TC7WH32FK TOSHIBA-TC7WH32FK Datasheet
208Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
01-Nov-2007
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
DUAL 2-INPUT OR GATE
28-May-1998
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
208Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
01-Nov-2007
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
01-Nov-2007
More results


Similar Description - TC7WH32FC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7W32FK KEC-KIC7W32FK Datasheet
278Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DAUL 2-INPUT OR GATE)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7WZ86FK KEC-KIC7WZ86FK Datasheet
536Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
logo
Toshiba Semiconductor
TC7WG00FU TOSHIBA-TC7WG00FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NAND Gate
01-Nov-2007
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
01-Nov-2007
TC74AC32FT TOSHIBA-TC74AC32FT_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
TC74HC4072AP TOSHIBA-TC74HC4072AP_07 Datasheet
219Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com