Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3220 Datasheet (PDF) - Toshiba Semiconductor

TLP3220 Datasheet PDF - Toshiba Semiconductor
Part # TLP3220
Download  TLP3220 Download
File Size   286.81 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Instrument

TLP3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3220 Datasheet PDF - Toshiba Semiconductor

Part # TLP3220
Download  TLP3220 Click to download

File Size   286.81 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Measurement Instrument

TLP3220 Datasheet (HTML) - Toshiba Semiconductor


TLP3220 Product details

Memory Tester
Logic Tester
Measurement Instrument

The TOSHIBA TLP3220 is a super small-outline photorelay, suitable for surface-mount assembly. The TLP3220 consists of an infrared emitting diode optically coupled to a photo-MOS FET and housed in a 4-pin package.

Features
• 4 pin SSOP (SSOP4) : 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak off-state voltage : 100 V (min)
• Trigger LED current : 5 mA (max)
• On-state current : 80 mA (max)
• On-state resistance : 14 Ω (max), 8 Ω (typ.)
• Output capacitance : 8 pF (max), 6 pF (typ.)
• Isolation voltage : 1500 Vrms (min)
• UL-recognized : UL 1577, File No.E67349




Similar Part No. - TLP3220

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP320 TOSHIBA-TLP320 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP320-2 TOSHIBA-TLP320-2 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
logo
List of Unclassifed Man...
TLP320-3 ETC1-TLP320-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
More results


Similar Description - TLP3220

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP206A TOSHIBA-TLP206A Datasheet
271Kb / 6P
MEASUREMENT INSTRUMENT DATA ACQUISITION PROGRAMMABLE CONTROL
TLP200D TOSHIBA-TLP200D_07 Datasheet
164Kb / 6P
Measurement Instrument
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
Measurement Instrument
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
Measurement Instrument
logo
M/A-COM Technology Solu...
SCW1331U-120FCR MA-COM-SCW1331U-120FCR Datasheet
234Kb / 2P
Instrument Laser Modules
logo
List of Unclassifed Man...
5400E ETC2-5400E Datasheet
332Kb / 2P
Instrument Knobs
logo
Toshiba Semiconductor
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
PBX Modem - Fax Card Measurement Instrument
TLP206A TOSHIBA-TLP206A_14 Datasheet
406Kb / 6P
Measurement Instrument Data Acquisition Programmable Control
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
PBX Modem-FAX Card Measurement Instrument
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
Measuring instrument
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com