Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3022 Datasheet (PDF) - Toshiba Semiconductor

TLP3022 Datasheet PDF - Toshiba Semiconductor
Part # TLP3022
Download  TLP3022 Download
File Size   347.63 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY

TLP3022 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3022 Datasheet PDF - Toshiba Semiconductor

Part # TLP3022
Download  TLP3022 Click to download

File Size   347.63 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY

TLP3022 Datasheet (HTML) - Toshiba Semiconductor


TLP3022 Product details

Features
■ Peak Off-State Voltage : 400 V (min)
■ Trigger LED Current : 15 mA (max) (TLP3021(S)) 10 mA (max) (TLP3022(S)) 5 mA (max) (TLP3023(S))
■ On-State Current : 100 mA (max)
■ Isolation Voltage : 5000Vrms(Min)
■ UL Recognized : UL1577,File No.E67349
■ SEMKO Approved : SS EN60065 SS EN60950, File No.9841105
■ BSI Approved : BS EN60065, File No.8385 BS EN60950, File No.8386
■ Option (D4) type VDE approved: DIN EN60747-5-2 Approved No. 40009302 Maximum operating insulation voltage: 890VPK Highest permissible over voltage: 8000VPK (Note):When a EN60747-5-2 approved type is needed, please designate the "Option (D4)"
■ Construction Mechanical Rating 7.62 mm pich Standard Type 10.16 mm pich TLPxxxxF Type Creepage Distance Clearance Insulation Thickness 7.0 mm (Min) 7.0 mm (Min) 0.5 mm (Min) 8.0 mm (Min) 8.0 mm (Min) 0.5 mm (Min) JEDEC ― EIAJ ― TOSHIBA 11-7A9 Weight : 0.39g Unit: mm 1: Anode 2: Csthode 3: N.C. 4:Terminal 1 6:Terminal 2 1 2 3 4 6




Similar Part No. - TLP3022

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3022 TOSHIBA-TLP3022 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
13-Jun-2001
TLP3022 TOSHIBA-TLP3022 Datasheet
313Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3022F TOSHIBA-TLP3022F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
01-Oct-2007
TLP3022FS TOSHIBA-TLP3022FS Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
01-Oct-2007
More results


Similar Description - TLP3022

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
01-Jun-2001
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
01-Jun-2001
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
01-Oct-2007
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
01-Oct-2007
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
01-Oct-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com