Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC151 Datasheet (PDF) - Solid State Inc

74HC151 Datasheet PDF - Solid State Inc
Part # 74HC151
Download  74HC151 Download
File Size   104.45 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 8-Channel Digital Multiplexer

74HC151 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC151 Datasheet PDF - Solid State Inc

Part # 74HC151
Download  74HC151 Click to download

File Size   104.45 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 8-Channel Digital Multiplexer

74HC151 Datasheet (HTML) - Solid State Inc


74HC151 Product details

General Description
The MM74HC151 high speed Digital multiplexer utilizes
advanced silicon-gate CMOS technology. Along with the
high noise immunity and low power dissipation of standard
CMOS integrated circuits, it possesses the ability to drive
10 LS-TTL loads. The MM74HC151 selects one of the 8
data sources, depending on the address presented on the
A, B, and C inputs. It features both true (Y) and complement
(W) outputs. The STROBE input must be at a low
logic level to enable this multiplexer. A high logic level at
the STROBE forces the W output HIGH and the Y output
LOW.

Features
n Typical propagation delay data select to output Y: 26 ns
n Wide operating supply voltage range: 2–6V
n Low input current: 1 mA maximum
n Low quiescent supply current: 80 mA maximum (74HC)
n High output drive current: 4 mA minimum




Similar Part No. - 74HC151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC151 PHILIPS-74HC151 Datasheet
48Kb / 7P
8-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HC151 NEXPERIA-74HC151 Datasheet
280Kb / 16P
8-input multiplexer
Rev. 10 - 19 October 2022
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
74HC151BQ NEXPERIA-74HC151BQ Datasheet
280Kb / 16P
8-input multiplexer
Rev. 10 - 19 October 2022
74HC151BQ-Q100 NEXPERIA-74HC151BQ-Q100 Datasheet
276Kb / 16P
8-input multiplexer
Rev. 5 8 June 2022
More results


Similar Description - 74HC151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
National Semiconductor ...
MM54HCT151 NSC-MM54HCT151 Datasheet
137Kb / 4P
8-Channel Digital Multiplexer
MNMM54C151 NSC-MNMM54C151 Datasheet
15Kb / 7P
8-CHANNEL DIGITAL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
8-Channel Multiplexer
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
8-CHANNEL MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com