Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC175 Datasheet (PDF) - Solid State Inc

74HC175 Datasheet PDF - Solid State Inc
Part # 74HC175
Download  74HC175 Download
File Size   109.47 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Quad D-Type Flip-Flop With Clear

74HC175 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC175 Datasheet PDF - Solid State Inc

Part # 74HC175
Download  74HC175 Click to download

File Size   109.47 Kbytes
Page   7 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Quad D-Type Flip-Flop With Clear

74HC175 Datasheet (HTML) - Solid State Inc


74HC175 Product details

Features
n Typical propagation delay: 15 ns
n Wide operating supply voltage range: 2–6V
n Low input current: 1 mA maximum
n Low quiescent supply current: 80 mA maximum (74HC)
n High output drive current: 4 mA minimum (74HC)

General Description
The MM74HC175 high speed D-type flip-flop with complementary
outputs utilizes advanced silicon-gate CMOS
technology to achieve the high noise immunity and low
power consumption of standard CMOS integrated circuits,
along with the ability to drive 10 LS-TTL loads.
Information at the D inputs of the MM74HC175 is transferred
to the Q and Q outputs on the positive going edge of
the clock pulse. Both true and complement outputs from
each flip flop are externally available. All four flip-flops are
controlled by a common clock and a common CLEAR.
Clearing is accomplished by a negative pulse at the
CLEAR input. All four Q outputs are cleared to a logical “0”
and all four Q outputs to a logical “1.”




Similar Part No. - 74HC175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC175 PHILIPS-74HC175 Datasheet
103Kb / 13P
Quad D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC175 NEXPERIA-74HC175 Datasheet
262Kb / 16P
Quad D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 4 February 2021
logo
Silicon Supplies
74HC175 SS-74HC175 Datasheet
895Kb / 6P
High Speed CMOS Logic
Rev 1.0 21/11/17
74HC175 SS-74HC175 Datasheet
792Kb / 6P
High Speed CMOS Logic
Rev 1.0 21/11/17
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
Quad D-type flip-flop with reset; positive-edge trigger
More results


Similar Description - 74HC175

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
Quad D-Type Flip Flop with Clear
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
Quad D-Type Flip-Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
Quad D-Type Flip Flop with Clear
logo
STMicroelectronics
M74HC175 STMICROELECTRONICS-M74HC175_01 Datasheet
428Kb / 11P
QUAD D-TYPE FLIP FLOP WITH CLEAR
Jul-2001
logo
Toshiba Semiconductor
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com