Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1298488 Datasheet (PDF) - PHOENIX CONTACT

1298488 Datasheet PDF - PHOENIX CONTACT
Part # 1298488
Download  1298488 Download
File Size   3079.26 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EV-T2M3SO24-4P-B - Infrastructure charging socket

1298488 Datasheet (PDF)

Go To PDF Page Download Datasheet
1298488 Datasheet PDF - PHOENIX CONTACT

Part # 1298488
Download  1298488 Click to download

File Size   3079.26 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EV-T2M3SO24-4P-B - Infrastructure charging socket

1298488 Datasheet (HTML) - PHOENIX CONTACT


1298488 Product details

CHARX connect modular, Type 2, Infrastructure charging socket, 32 A , 480 V AC, Basic,
without single-core wires, locking actuator: 24 V, 4-pos., square, Rear panel mounting, M5
thread, housing: black, for charging electric vehicles (EV) with alternating current (AC),
PHOENIX CONTACT logo, IEC 62196-2




Similar Part No. - 1298488

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
129841 BELDEN-129841 Datasheet
179Kb / 2P
RS485, 1 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
129842 BELDEN-129842 Datasheet
190Kb / 2P
RS485, 2 Pr #24 Str TC, PE Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt,CM
05-05-2023
More results


Similar Description - 1298488

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1164299 PHOENIX-1164299 Datasheet
398Kb / 10P
Socket Outlet - EV-T2M3SO12-4P-P
1164300 PHOENIX-1164300 Datasheet
1Mb / 11P
Socket Outlet - EV-T2M3SO12-4P-B
1268355 PHOENIX-1268355 Datasheet
1Mb / 11P
Set - EV-T2M3SO12-4P-BL-SET
1164309 PHOENIX-1164309 Datasheet
1Mb / 12P
Socket Outlet - EV-T2M3SO12-3P-B
1286389 PHOENIX-1286389 Datasheet
1Mb / 11P
Socket Outlet - EV-T2M3SO12-4P-B-EM
1286399 PHOENIX-1286399 Datasheet
392Kb / 9P
Socket Outlet - EV-T2M3SO-00-B
1247578 PHOENIX-1247578 Datasheet
386Kb / 9P
AC charging cable - EV-T2G3PC-3AC20A-5,0M2,5ESYE11
1164423 PHOENIX-1164423 Datasheet
1Mb / 12P
Set - EV-T2M3SO12-4P-P-SET
1164417 PHOENIX-1164417 Datasheet
1Mb / 12P
Set - EV-T2M3SO12-4P-B-SET
1624153 PHOENIX-1624153 Datasheet
198Kb / 4P
Charging connector holder - EV-T2CCS-PARK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com