Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT174F Datasheet (PDF) - Toshiba Semiconductor

TC74ACT174F Datasheet PDF - Toshiba Semiconductor
Part # TC74ACT174F
Download  TC74ACT174F Download
File Size   300.55 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear

TC74ACT174F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74ACT174F Datasheet PDF - Toshiba Semiconductor

Part # TC74ACT174F
Download  TC74ACT174F Click to download

File Size   300.55 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear

TC74ACT174F Datasheet (HTML) - Toshiba Semiconductor


TC74ACT174F Product details

Hex D-Type Flip Flop with Clear

The TC74ACT174 is an advanced high speed CMOS HEX D-TYPE FLIP FLOP fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels.
Information signals applied to D inputs are transferred to the Q outputs on the positive going edge of the clock pulse.
When the CLR input is held low, the Q output are in the low logic level independent of the other inputs.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed: fmax = 155 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
                                                  VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
                                                      Capability of driving 50 Ω
                                                      transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Pin and function compatible with 74F174




Similar Part No. - TC74ACT174F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
More results


Similar Description - TC74ACT174F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W74FK KEC-KIC7W74FK Datasheet
315Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
KIC7WZ74FK KEC-KIC7WZ74FK Datasheet
46Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
logo
Toshiba Semiconductor
TC7WG74FC TOSHIBA-TC7WG74FC Datasheet
179Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC7WG74FU TOSHIBA-TC7WG74FU Datasheet
197Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC7WH74FC TOSHIBA-TC7WH74FC Datasheet
148Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC74AC174P TOSHIBA-TC74AC174P_07 Datasheet
272Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74ACT273P TOSHIBA-TC74ACT273P Datasheet
277Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com