Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA60R055CM8 Datasheet (PDF) - Infineon Technologies AG

IPZA60R055CM8 Datasheet PDF - Infineon Technologies AG
Part # IPZA60R055CM8
Download  IPZA60R055CM8 Download
File Size   1023.42 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 600V CoolMOS™ CM8 Power Transistor

IPZA60R055CM8 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPZA60R055CM8 Datasheet PDF - Infineon Technologies AG

Part # IPZA60R055CM8
Download  IPZA60R055CM8 Click to download

File Size   1023.42 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET 600V CoolMOS™ CM8 Power Transistor

IPZA60R055CM8 Datasheet (HTML) - Infineon Technologies AG


IPZA60R055CM8 Product details

Features
• Best‑In‑Class SJ Mosfet Performance
• Address broad hard and soft switching applications with outstanding
commutation ruggedness
• Integrated fast body diode and ESD protection
• .XT interconnection technology for best‑in‑class thermal performance

Benefits
• Provides the best price performance ratio with Best‑In‑Class SJ Mosfet
Performance
• Ease of use and shorter design in cycle
• Enable multiple topologies
• 14‑42% lower Rth for improved thermal performance




Similar Part No. - IPZA60R055CM8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZA60R016CM8 INFINEON-IPZA60R016CM8 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CM8 Power Transistor
Rev. 2.1, 2024-03-21
IPZA60R024CM8 INFINEON-IPZA60R024CM8 Datasheet
1,022Kb / 16P
MOSFET 600V CoolMOS™ CM8 Power Transistor
Revision 2.2 2025-03-20
IPZA60R024P7 INFINEON-IPZA60R024P7 Datasheet
1Mb / 14P
600V CoolMOS??P7 Power Transistor
Rev.2.0,2019-02-28
IPZA60R037CM8 INFINEON-IPZA60R037CM8 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CM8 Power Transistor
Rev. 2.1, 2024-03-21
IPZA60R037CM8 INFINEON-IPZA60R037CM8 Datasheet
1Mb / 14P
600VCoolMOSªCM8PowerTransistor
Rev.2.1,2024-03-21
More results


Similar Description - IPZA60R055CM8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R650CE INFINEON-IPA60R650CE Datasheet
1Mb / 17P
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K5CE INFINEON-IPD60R1K5CE Datasheet
2Mb / 16P
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R800CE INFINEON-IPD60R800CE Datasheet
1Mb / 17P
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R190E6 INFINEON-IPA60R190E6_15 Datasheet
958Kb / 18P
600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPL60R650P6S INFINEON-IPL60R650P6S Datasheet
1Mb / 14P
600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-07-08
IPP60R190E615 INFINEON-IPP60R190E615 Datasheet
958Kb / 18P
600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPW60R041P6 INFINEON-IPW60R041P6 Datasheet
1Mb / 15P
600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-03-07
IPW60R070P6 INFINEON-IPW60R070P6 Datasheet
1Mb / 15P
600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-03-07
IPAN60R180P7S INFINEON-IPAN60R180P7S Datasheet
727Kb / 14P
MOSFET 600V CoolMOS™ P7 Power Transistor
Rev. 2.0, 2018-07-09
IPD40R385CP INFINEON-IPD40R385CP_V01 Datasheet
380Kb / 11P
600V CoolMOS™ CP Power Transistor
Rev. 2.6
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com