Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HUGHES9502 Datasheet (PDF) - Campbell Scientific United Kingdom

HUGHES9502 Datasheet PDF - Campbell Scientific United Kingdom
Part # HUGHES9502
Download  HUGHES9502 Download
File Size   708.74 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Inmarsat BGAN Satellite IP Terminal

HUGHES9502 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUGHES9502 Datasheet PDF - Campbell Scientific United Kingdom

Part # HUGHES9502
Download  HUGHES9502 Click to download

File Size   708.74 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Inmarsat BGAN Satellite IP Terminal

HUGHES9502 Datasheet (HTML) - Campbell Scientific United Kingdom


HUGHES9502 Product details

Benefits and Features
Everything you need to get started in one package
Easytoset up and use
Designed for BGAN M2M network services
Provides reliable end-to-end IP connectivity
All-weather operation
Ideal for remote locations where cellular service is not available
Multiple low-power modes suitable for operation on battery-operated stations

Technical Description
The Inmarsat Broadband Global Area Network (BGAN) satellite network consists of three geostationary satellites: -4 Asia Pacific, I-4 EMEA and I-4 Americas, which provide satellite data services around the world. A geostationary satellite does not change its position in the sky, allowing terminals to use much lower transmission power combined with a directional antenna, making low-power satellite services feasible. Because it uses L-band frequencies (1518 to 1675 MHz), the BGAN service is largely unaffected by rain fade, which causes signal degradation in some satellite systems.
Stations using the Hughes 9502 must provide the flat, directional antenna with a good view of the southern (Northern Hemisphere) or northern (Southern Hemisphere) sky. Stations should be located between +75°and -75° latitude. Stations located at the extreme latitudes will need a better view of the horizon at low angles and are more susceptible to line-of-sight issues introduced by nearby buildings or mountains.
There are also multiple methods for addressing average power consumption. The unit canidle in a low-power state or easily be put to sleep under data logger control.
Therefore, the Hughes 9502 can be a good fit for stations with a sensitive power budget.
The 31447 HUGHES9502 Parts Included Kit that ships with the HUGHES9502 includes the following:
31440 Power Wire Set of Red and Black Wires, 2 ft
28899 CAT6 Ethernet Unshielded Cable, 2 ft
17856 Serial Cable, DB9 Female to Pigtail, 2 ft
17648 USB Cable, Type A Male to Type B Male, 6 ft




Similar Part No. - HUGHES9502

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HUG1105W STANLEY-HUG1105W Datasheet
330Kb / 20P
Single Color Ultra High Brightness Type
HUG1105W STANLEY-HUG1105W Datasheet
606Kb / 16P
Single Color Ultra High Brightness Type
HUG1105W STANLEY-HUG1105W Datasheet
337Kb / 20P
Single Color Ultra High Brightness Type
logo
SunLED Corporation
HUGX12DWB SUNLED-HUGX12DWB Datasheet
179Kb / 4P
12 SEGMENT BAR GRAPH ARRAY
More results


Similar Description - HUGHES9502

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
Satellite Tuner
logo
List of Unclassifed Man...
KFF6514A ETC-KFF6514A Datasheet
118Kb / 2P
1542 MHZ INMARSAT /GPS BPF
logo
Harris Corporation
RF-7800B-DU024 HARRIS-RF-7800B-DU024 Datasheet
1Mb / 2P
LAND PORTABLE BGAN TERMINAL
RF-7800B-VU104 HARRIS-RF-7800B-VU104 Datasheet
804Kb / 2P
LAND MOBILE BGAN TERMINAL
logo
Level One
IAT-1000 LVL1-IAT-1000 Datasheet
362Kb / 2P
IP Audiocast Terminal
logo
Harris Corporation
RF-7800B-DU024 HARRIS-RF-7800B-DU024_17 Datasheet
375Kb / 2P
LAND PORTABLE BGAN TERMINAL
logo
Maxtena Inc.
M1590HCT-LP-MM MAXTENA-M1590HCT-LP-MM Datasheet
1Mb / 4P
INMARSAT MAGNET MOUNT LOW-PROFILE ANTENNA
REV 1
M1590HCT-LP-SM MAXTENA-M1590HCT-LP-SM Datasheet
1Mb / 4P
INMARSAT HOLE MOUNT LOW-PROFILE ANTENNA
REV 1
M1590HCT-SMA MAXTENA-M1590HCT-SMA Datasheet
385Kb / 2P
INMARSAT HIGH PERFORMANCE ANTENNA
REV A
logo
Beckhoff Automation Gmb...
EL6652 BECKHOFF-EL6652 Datasheet
118Kb / 1P
EtherNet/IP master terminal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com