Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX321 Datasheet (PDF) - Campbell Scientific United Kingdom

TX321 Datasheet PDF - Campbell Scientific United Kingdom
Part # TX321
Download  TX321 Download
File Size   781.59 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Satellite Transmitter for GOES or Meteosat

TX321 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX321 Datasheet PDF - Campbell Scientific United Kingdom

Part # TX321
Download  TX321 Click to download

File Size   781.59 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Satellite Transmitter for GOES or Meteosat

TX321 Datasheet (HTML) - Campbell Scientific United Kingdom


TX321 Product details

Benefits and Features
GOES High Data Rate Version 2, Meteosat SRD, and International DCS operation
Very low power consumption when idle( < 5 mA @ 12V)
Transmissions continue for 28 days if GPS is lost
Configuration and diagnostics easily performed by data logorg coempruter
Drop-in replacement for Campbell Scientific TX320, TX312, and SAT HDR GOES

Technical Description
The TX321 is designed for use on the NOAA GOES Data Collection System and the EUMETSAT Meteosat Data Collection Services satellite networks. These networks use geostationary satellites and ground stations to receive and relay data transmitted from remote data collection platforms (DCP), such as those provided by Campbell Scientific. These DCPs are typically owned and operated by government agencies and sponsored research organizations. Users are given a frequency and time slot for their transmissions.




Similar Part No. - TX321

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX32-19-13 FERROXCUBE-TX32-19-13 Datasheet
44Kb / 3P
Ferrite toroids
TX32/19/13 FERROXCUBE-TX32/19/13 Datasheet
44Kb / 3P
Ferrite toroids
TX32/19/13-3E5 FERROXCUBE-TX32/19/13-3E5 Datasheet
44Kb / 3P
Ferrite toroids
logo
Campbell Scientific Uni...
TX320 CAMPBELL-TX320 Datasheet
485Kb / 2P
High Data Rate GOES Transmitter
09/17/2021
logo
TANDA UK Limited.
TX3202-NB TANDAUK-TX3202-NB Datasheet
522Kb / 1P
NB-IoT Input Module
More results


Similar Description - TX321

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
Demodulator for Satellite Receivers
logo
Infineon Technologies A...
TUA6100B6 INFINEON-TUA6100B6 Datasheet
819Kb / 46P
Components for Satellite Receiver Units
01.2001 , V219
logo
List of Unclassifed Man...
UPB1513TU ETC1-UPB1513TU Datasheet
549Kb / 10P
FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
TOKO, Inc
TDFM2B-1472H-10A TOKO-TDFM2B-1472H-10A Datasheet
212Kb / 4P
TDF series for Automotive & Satellite Radio
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
RFHIC
AE427 RFHIC-AE427_14 Datasheet
567Kb / 5P
Low Noise Amplifier for CATV, Satellite
AE417 RFHIC-AE417_14 Datasheet
599Kb / 7P
Low Noise Amplifier for CATV, Satellite
ACQ102 RFHIC-ACQ102 Datasheet
576Kb / 5P
Low Noise Amplifier for CATV, Satellite
logo
Asahi Kasei Microsystem...
AK1599V AKM-AK1599V Datasheet
1Mb / 41P
RF Transmitter for Satellite Communication
logo
Johanson Technology Inc...
5515BP15C1020 JOHANSON-5515BP15C1020_17 Datasheet
350Kb / 4P
5.5 GHz Band Pass Filter for WiFi or Automotive Satellite
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com