Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX326 Datasheet (PDF) - Campbell Scientific United Kingdom

TX326 Datasheet PDF - Campbell Scientific United Kingdom
Part # TX326
Download  TX326 Download
File Size   797.49 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Satellite Transmitter for Meteosat

TX326 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX326 Datasheet PDF - Campbell Scientific United Kingdom

Part # TX326
Download  TX326 Click to download

File Size   797.49 Kbytes
Page   3 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Satellite Transmitter for Meteosat

TX326 Datasheet (HTML) - Campbell Scientific United Kingdom


TX326 Product details

Benefits and Features
EUROSAT SRDCP and HRDCP certified
Compatible with Meteosat satellite data collection system
Easy integration with Campbell Scientific data loggers
Field tested and proven track record of reliability
Embedded GPS receivefror stabilized internal time keeping and transmit frequency for long service intervals
Low standby current consumption for battery-powered systems at remote DCP installation sites
Quick assessment of radio health via monitoring of diagnostic data from the radio

Technical Description
The TX326 transmitter uses the Meteosat satellite system to provide one-way communications from a data collection platform (DCP) to a receiving station. Supported transmission rates are 100 (SRDCP) and 1200 (HRDCP) bps. This transmitter is used with our CR300, CR310, CR1000X, and CR6 dataloggers, as well as with our GRANITE measurement and control data-acquisition systems.
Because clock accuracy is critically important for Meteosat satellite telemetryt,he TX326 includes an embedded GPS receiver. The GPS receiver automatically corrects for clock and oscillator drift, allowinfgor longer intervals between service visits.
Detailed diagnostic information about the radio is also available for the field technician and various diagnostic uses. These diagnostic parameters include the following:
Latitude and longitude using the built-in GPS
Current battery voltage
Current temperature
Battery voltage before last transmission
Temperature before last transmission
Battery voltage during last transmission
Altitude of last GPS position
Time of last GPS position
Number of GPS fix misses
Time of last missed GPS fix
GPS receiver health and status
Failsafe tripped indication
Duration of last transmission
Forward power of last transmission
Reflect power on last transmission
VSWR (voltage standing wave ratio) last transmission results
Current transmission state




Similar Part No. - TX326

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX32-19-13 FERROXCUBE-TX32-19-13 Datasheet
44Kb / 3P
Ferrite toroids
TX32/19/13 FERROXCUBE-TX32/19/13 Datasheet
44Kb / 3P
Ferrite toroids
TX32/19/13-3E5 FERROXCUBE-TX32/19/13-3E5 Datasheet
44Kb / 3P
Ferrite toroids
logo
Campbell Scientific Uni...
TX320 CAMPBELL-TX320 Datasheet
485Kb / 2P
High Data Rate GOES Transmitter
09/17/2021
logo
TANDA UK Limited.
TX3202-NB TANDAUK-TX3202-NB Datasheet
522Kb / 1P
NB-IoT Input Module
More results


Similar Description - TX326

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8011T PHILIPS-TDA8011T Datasheet
80Kb / 12P
IF amplifier for satellite TV receivers
February 1995
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
Demodulator for Satellite Receivers
logo
Infineon Technologies A...
TUA6100B6 INFINEON-TUA6100B6 Datasheet
819Kb / 46P
Components for Satellite Receiver Units
01.2001 , V219
logo
List of Unclassifed Man...
UPB1513TU ETC1-UPB1513TU Datasheet
549Kb / 10P
FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
TOKO, Inc
TDFM2B-1472H-10A TOKO-TDFM2B-1472H-10A Datasheet
212Kb / 4P
TDF series for Automotive & Satellite Radio
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F_01 Datasheet
220Kb / 14P
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
logo
RFHIC
AE427 RFHIC-AE427_14 Datasheet
567Kb / 5P
Low Noise Amplifier for CATV, Satellite
AE417 RFHIC-AE417_14 Datasheet
599Kb / 7P
Low Noise Amplifier for CATV, Satellite
ACQ102 RFHIC-ACQ102 Datasheet
576Kb / 5P
Low Noise Amplifier for CATV, Satellite
logo
Asahi Kasei Microsystem...
AK1599V AKM-AK1599V Datasheet
1Mb / 41P
RF Transmitter for Satellite Communication
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com