Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBT6K49-AS Datasheet (PDF) - Toshiba Semiconductor

JBT6K49-AS Datasheet PDF - Toshiba Semiconductor
Part # JBT6K49-AS
Download  JBT6K49-AS Download
File Size   186.12 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power supply IC for TFT LCD Panels

JBT6K49-AS Datasheet (PDF)

Go To PDF Page Download Datasheet
JBT6K49-AS Datasheet PDF - Toshiba Semiconductor

Part # JBT6K49-AS
Download  JBT6K49-AS Click to download

File Size   186.12 Kbytes
Page   14 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Power supply IC for TFT LCD Panels

JBT6K49-AS Datasheet (HTML) - Toshiba Semiconductor


JBT6K49-AS Product details

Power supply IC for TFT LCD Panels

The JBT6K49-AS chip is an integrated circuit (IC) for generating the supply voltages necessary for a TFT LCD panel driver. When used in combination with the T6K47 source driver and the T6K48 gate driver for TFT LCD panels, the JBT6K49-AS enables the module set to operate with low power consumption.
A high-speed CMOS process is employed to achieve low power consumption and high-speed operation for the JBT6K49-AS.

Features
• Built-in circuits : DC-DC converters and oscillation circuit for DC-DC converters
                             High-precision regulator
                             Binary buffer for γ-correction
                              Level shifter circuit for Vcom
• Supply voltage (VDD) : 2.7 V to 3.3 V
• Supply voltage (VBAT) : 2.7 V to 4.2 V
• Low power consumption
• Operating temperature : −20°C to 75°C
• CMOS process
• Recommended drivers : T6K47 source driver for TFT LCD
                                          T6K48 gate driver for TFT LCD
• Package




Similar Part No. - JBT6K49-AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
Source Driver for TFT LCD Panels
More results


Similar Description - JBT6K49-AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Toshiba Semiconductor
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
Source Driver for TFT LCD Panels
logo
Texas Instruments
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Rohm
BD8184MUV ROHM-BD8184MUV Datasheet
649Kb / 18P
Power Supply ICs for TFT-LCD Panels Multi-channel System Power Supply IC for Small to Middle PANEL
logo
Texas Instruments
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com