Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP100T120 Datasheet (PDF) - Powerex Power Semiconductors

PP100T120 Datasheet PDF - Powerex Power Semiconductors
Part # PP100T120
Download  PP100T120 Download
File Size   361.58 Kbytes
Page   6 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description POW-R-PAK 100A / 1200V 3 phase IGBT Assembly

PP100T120 Datasheet (PDF)

Go To PDF Page Download Datasheet
PP100T120 Datasheet PDF - Powerex Power Semiconductors

Part # PP100T120
Download  PP100T120 Click to download

File Size   361.58 Kbytes
Page   6 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description POW-R-PAK 100A / 1200V 3 phase IGBT Assembly

PP100T120 Datasheet (HTML) - Powerex Power Semiconductors


PP100T120 Product details

Description:
The Powerex POW-R-PAKTM is a configurable IGBT based power assembly that may be used as a converter, chopper, half or full bridge, or three phase inverter for motor control, power supply, UPS or other power conversion applications.

Features:
■ High performance IGBT inverter bridge
■ Integrated gate drive with fault monitoring & protection
■ System status / troubleshooting LEDs to verify or monitor proper operation
■ Isolated gate drive power supplies
■ Low inductance laminated bus
■ Output current measurement & feedback
■ Superior short circuit detection & shoot through prevention




Similar Part No. - PP100T120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP100T120-ND POWEREX-PP100T120-ND Datasheet
586Kb / 5P
3-Phase POW-R-PAK IGBT Assembly 100 Amperes/1200 Volts
More results


Similar Description - PP100T120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP100B120 POWEREX-PP100B120 Datasheet
360Kb / 6P
POW-R-PAK 100A / 1200V H-Bridge IGBT Assembly
PP100T060 POWEREX-PP100T060 Datasheet
361Kb / 6P
POW-R-PAK 100A / 600V 3 phase IGBT Assembly
PP150T120-02 POWEREX-PP150T120-02 Datasheet
347Kb / 6P
POW-R-PAK 150A / 1200V 3 ph IGBT converter assembly
PP150T120-08 POWEREX-PP150T120-08 Datasheet
391Kb / 6P
POW-R-PAK 150A / 1200V Dual 3 phase IGBT Assembly
PP150T120 POWEREX-PP150T120 Datasheet
362Kb / 6P
POW-R-PAK 150A / 1200V 3 phase IGBT Assembly
PP200T120 POWEREX-PP200T120 Datasheet
362Kb / 6P
POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PP225D060 POWEREX-PP225D060 Datasheet
363Kb / 6P
POW-R-PAK 200A / 1200V 3 phase IGBT Assembly
PP300T120 POWEREX-PP300T120 Datasheet
362Kb / 6P
POW-R-PAK 300A / 1200V 3 phase IGBT Assembly
PP75T060 POWEREX-PP75T060 Datasheet
361Kb / 6P
POW-R-PAK 75A / 600V 3 phase IGBT Assembly
PP75T120 POWEREX-PP75T120 Datasheet
362Kb / 6P
POW-R-PAK 75A / 1200V 3 phase IGBT Assembly
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com