Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1506-50 Datasheet (PDF) - ams AG

AS1506-50 Datasheet PDF - ams AG
Part # AS1506-50
Download  AS1506-50 Download
File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM

AS1506-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1506-50 Datasheet PDF - ams AG

Part # AS1506-50
Download  AS1506-50 Click to download

File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM

AS1506-50 Datasheet (HTML) - ams AG


AS1506-50 Product details

General Description

The AS1506 is a linear, 256-tap digital potentiometer specifically designed to replace discrete/mechanical potentiometers and is ideal for applications requiring a low-temperature-coefficient variable resistor, such as low-drift, programmable gain, and amplifier circuit configurations.



Key Features

High Endurance: EEPROM up to 10M cycles

High Reliability: EEPROM up to 150 years data retention @ 85°C

Wiper Position Retained in EEPROM and loaded at Power-Up

256 Tap Positions

±0.5LSB DNL in Voltage Divider Mode

±0.5LSB INL in Voltage Divider Mode

End-to-End Resistance: 10/50/100kΩ

Low End-to-End Resistance Temperature Coefficient: 90ppm/ºC

Low-Power Standby Mode: 100nA

5MHz SPI-Compatible Serial Interface

Single-Supply Operation: +2.7V to +5.5V

8-pin TDFN 3x3mm Package




Similar Part No. - AS1506-50

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1506-50 AMSCO-AS1506-50 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
More results


Similar Description - AS1506-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
ams AG
AS1506 AMSCO-AS1506_1 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
logo
Texas Instruments
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com