Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4067B Datasheet (PDF) - STMicroelectronics

HCF4067B Datasheet PDF - STMicroelectronics
Part # HCF4067B
Download  HCF4067B Download
File Size   233.61 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG SINGLE 16 CHANNEL MULTIPLEXER/DEMULTIPLEXER

HCF4067B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4067B Datasheet PDF - STMicroelectronics

Part # HCF4067B
Download  HCF4067B Click to download

File Size   233.61 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG SINGLE 16 CHANNEL MULTIPLEXER/DEMULTIPLEXER

HCF4067B Datasheet (HTML) - STMicroelectronics


HCF4067B Product details

DESCRIPTION
The HCC4067B, HCC4097B (extended temperature range) and HCF4067B, HCF4097B (intermediate temperature range) are monolithic integrated circuits available in 24-lead dual in line plastic or ceramic package.

4067B–SINGLE 16-CHANNEL
4097B–DIFFERENTIAL 8-CHANNEL

■ LOW ON RESISTANCE: 125Ω (typ.) OVER 15 Vp-p SIGNAL INPUT RANGE FOR VDD - VSS = 15V
■ HIGH OFF RESISTANCE: CHANNEL LEAKAGE OF ±10pA (typ.) @ VDD - VSS = 10V
■ MATCHED SWITCH CHARACTERISTICS: ∆RON = 5Ω (typ.) FOR VDD - VSS = 15V
■ VERY LOW QUIESCENT POWER DISSIPATION UNDER A DIGITAL CONTROL INPUT AND SUPPLY CONDITIONS: 0.2µW (typ.) @ VDD -VSS = 10V
■ BINARY ADDRESS DECODING ON CHIP
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25oC FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD No 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIE CMOS DEVICES”




Similar Part No. - HCF4067B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4067B STMICROELECTRONICS-HCF4067B Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BC1 STMICROELECTRONICS-HCF4067BC1 Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BEY STMICROELECTRONICS-HCF4067BEY Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BF STMICROELECTRONICS-HCF4067BF Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
HCF4067BM1 STMICROELECTRONICS-HCF4067BM1 Datasheet
336Kb / 16P
ANALOG MULTIPLEXER/DEMULTIPLEXER
Sep-1988
More results


Similar Description - HCF4067B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
16-channel analog multiplexer/demultiplexer
September 1993
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
16-channel analog multiplexer/demultiplexer
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
16-channel analog multiplexer/demultiplexer
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com