Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6J207FE Datasheet (PDF) - Toshiba Semiconductor

SSM6J207FE Datasheet PDF - Toshiba Semiconductor
Part # SSM6J207FE
Download  SSM6J207FE Download
File Size   182.34 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High-Speed Switching Applications

SSM6J207FE Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM6J207FE Datasheet PDF - Toshiba Semiconductor

Part # SSM6J207FE
Download  SSM6J207FE Click to download

File Size   182.34 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description High-Speed Switching Applications

SSM6J207FE Datasheet (HTML) - Toshiba Semiconductor


SSM6J207FE Product details

○ High-Speed Switching Applications

• 4 V drive
• Low ON-resistance: Ron = 491 mΩ (max) (@VGS = −4 V)
                                   Ron = 251 mΩ (max) (@VGS = −10 V)




Similar Part No. - SSM6J207FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J207FE TOSHIBA-SSM6J207FE Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
SSM6J207FE TOSHIBA-SSM6J207FE_14 Datasheet
211Kb / 5P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
More results


Similar Description - SSM6J207FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com