Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS11013 Datasheet (PDF) - Powerex Power Semiconductors

PS11013 Datasheet PDF - Powerex Power Semiconductors
Part # PS11013
Download  PS11013 Download
File Size   407.36 Kbytes
Page   6 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description FLAT-BASE TYPE INSULATED TYPE

PS11013 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS11013 Datasheet PDF - Powerex Power Semiconductors

Part # PS11013
Download  PS11013 Click to download

File Size   407.36 Kbytes
Page   6 Pages
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors
Description FLAT-BASE TYPE INSULATED TYPE

PS11013 Datasheet (HTML) - Powerex Power Semiconductors


PS11013 Product details

INTEGRATED FUNCTIONS AND FEATURES
• Converter bridge for 3 phase AC-to-DC power conversion.
• Circuit for dynamic braking of motor regenerative energy.
• 3-phase IGBT inverter bridge configured by the latest 3rd. generation IGBT and diode technology.

INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS:
• For inverter side upper-leg IGBTs : Drive circuit, High voltage isolated high-speed level shifting, Short circuit protection (SC).
   Bootstrap circuit supply scheme (single drive power supply) and Under voltage protection (UV).
• For inverter side lower-leg IGBTs : Drive circuit, Short circuit protection (SC).
   Control supply circuit under- & over- voltage protection (OV/UV).
   System over temperature protection (OT). Fault output signaling circuit (FO) and Current limit warning signal output (CL).
• For Brake circuit IGBT : Drive circuit
• Warning and Fault signaling :
   FO1 : Short circuit protection for lower-leg IGBTs and Input interlocking against spurious arm shoot-through.
   FO2 : N-side control supply abnormality locking (OV/UV).
   FO3 : System over-temperature protection (OT).
   CL : Warning for inverter current overload condition
• For system feedback control : Analogue signal feedback reproducing actual inverter output phase currents (3φ).
• Input Interface : 5V CMOS/TTL compatible, Schmitt trigger input, and Arm-Shoot-Through interlock protection.

APPLICATION
   Acoustic noise-less 0.4kW/AC200V class 3 phase inverter and other motor control applications




Similar Part No. - PS11013

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS11013 MITSUBISHI-PS11013 Datasheet
414Kb / 6P
Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
logo
List of Unclassifed Man...
PS11013 ETC1-PS11013 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Pro-Signal
PS11013 PROSIGNAL-PS11013 Datasheet
421Kb / 2P
Patch Lead - CAT 5E
10/12/19 V1.2
More results


Similar Description - PS11013

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11012 POWEREX-PS11012 Datasheet
409Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS11014 POWEREX-PS11014 Datasheet
407Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS11015 POWEREX-PS11015 Datasheet
407Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS11016 POWEREX-PS11016 Datasheet
408Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS11017 POWEREX-PS11017 Datasheet
2Mb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12012-A POWEREX-PS12012-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12013-A POWEREX-PS12013-A Datasheet
387Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12014-A POWEREX-PS12014-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12015-A POWEREX-PS12015-A Datasheet
392Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12018-A POWEREX-PS12018-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com