Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APE12M05 Datasheet (PDF) - Astec America, Inc

APE12M05 Datasheet PDF - Astec America, Inc
Part # APE12M05
Download  APE12M05 Download
File Size   85.53 Kbytes
Page   12 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 5V Input, 1.5V Output 18W DC-DC Converter

APE12M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
APE12M05 Datasheet PDF - Astec America, Inc

Part # APE12M05
Download  APE12M05 Click to download

File Size   85.53 Kbytes
Page   12 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description 5V Input, 1.5V Output 18W DC-DC Converter

APE12M05 Datasheet (HTML) - Astec America, Inc




Similar Part No. - APE12M05

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APE12M05 ASTEC-APE12M05 Datasheet
356Kb / 2P
18 Watts
More results


Similar Description - APE12M05

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5225 ROHM-BP5225 Datasheet
631Kb / 3P
DC/DC converter 5V/150mA output type
logo
Bel Fuse Inc.
X7AH-05BT50 BEL-X7AH-05BT50 Datasheet
192Kb / 5P
NON-ISOLATED DC/DC CONVERTER 5V Input Vref/2 / 5A Output
logo
Rohm
BP5038A1 ROHM-BP5038A1 Datasheet
405Kb / 3P
AC/DC converter AC100V input, 5V/30mA output
BP5045A5 ROHM-BP5045A5 Datasheet
409Kb / 3P
AC/DC converter AC220V input, -5V/200mA output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Chinfa Electronics Ind....
FDD05-05S0 CHINFA-FDD05-05S0 Datasheet
289Kb / 4P
DC - DC CONVERTER 5 ~ 6W 5V INPUT MODEL
FDD05 CHINFA-FDD05_10 Datasheet
193Kb / 4P
DC - DC CONVERTER 5~6W 5V INPUT MODEL
logo
Rohm
BP5717 ROHM-BP5717 Datasheet
1Mb / 2P
AC80V to AC138V input, 18W output Isolated AC/DC converter
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
3.3V~5V Input 12W Output Step-up DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com