Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUK30W Datasheet (PDF) - Astec America, Inc

AUK30W Datasheet PDF - Astec America, Inc
Part # AUK30W
Download  AUK30W Download
File Size   319.84 Kbytes
Page   15 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)

AUK30W Datasheet (PDF)

Go To PDF Page Download Datasheet
AUK30W Datasheet PDF - Astec America, Inc

Part # AUK30W
Download  AUK30W Click to download

File Size   319.84 Kbytes
Page   15 Pages
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc
Description Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)

AUK30W Datasheet (HTML) - Astec America, Inc


AUK30W Product details

AUK 30W Ultra Low Profile DC – DC Module

(Pb-free reflow compatible and ROHS Compliant)



The AUK 30W series is Astec’s new Ultra Low Profile, 48Vin, SMT isolated single output modules. With the Ultra Low Profile SMT design (only 4.4mm height), the module can be flexible mounted on the top side or the bottom side of motherboard. The AUK 30W series also comes with enhanced features such as Remote on/off (RC), parallel Application (PO), Power Good (ALM), and the protection of OVP, OCP and UVLO.



Special Features

• Ultra Low Profile – 4.5mm height

• Efficiency – 91% @ 5V

• -40 °C to +85°C Ambient Operating temperature (0.2m/s air flow)

• Open Frame SMT

• Low output ripple and noise

• Regulation to zero load

• CISPR22, Class A for Conduct and Radiated EMI

• Parallel Application

• UL/cUL 60950, CE Mark

• Pb-free reflow compatible and ROHS Compliant




Similar Part No. - AUK30W

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AUK EMERSON-NETWORKPOWER-AUK Datasheet
90Kb / 2P
30w Ultra Low Profile - 4.4mm
logo
Astec America, Inc
AUK06A48 ASTEC-AUK06A48 Datasheet
90Kb / 2P
30 Watts Embedded Power
logo
Emerson Network Power
AUK06A48 EMERSON-NETWORKPOWER-AUK06A48 Datasheet
90Kb / 2P
30w Ultra Low Profile - 4.4mm
logo
Astec America, Inc
AUK09F48 ASTEC-AUK09F48 Datasheet
90Kb / 2P
30 Watts Embedded Power
logo
Emerson Network Power
AUK09F48 EMERSON-NETWORKPOWER-AUK09F48 Datasheet
90Kb / 2P
30w Ultra Low Profile - 4.4mm
More results


Similar Description - AUK30W

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUD10W ASTEC-AUD10W Datasheet
315Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG15W ASTEC-AUG15W Datasheet
312Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG20W ASTEC-AUG20W Datasheet
326Kb / 15P
Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)
AUM10W ASTEC-AUM10W Datasheet
304Kb / 15P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AVC20W ASTEC-AVC20W Datasheet
357Kb / 16P
Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
logo
Seoul Semiconductor
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
Pb-free Reflow Soldering application RoHS Compliant
SFT825Z-S SEOUL-SFT825Z-S_09 Datasheet
746Kb / 18P
Pb-free Reflow Soldering application RoHS Compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com