Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD-155C Datasheet (PDF) - Astrodyne Corporation

AD-155C Datasheet PDF - Astrodyne Corporation
Part # AD-155C
Download  AD-155C Download
File Size   929.26 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 155W Single Output with Battery Charger (USP Function)

AD-155C Datasheet (PDF)

Go To PDF Page Download Datasheet
AD-155C Datasheet PDF - Astrodyne Corporation

Part # AD-155C
Download  AD-155C Click to download

File Size   929.26 Kbytes
Page   4 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 155W Single Output with Battery Charger (USP Function)

AD-155C Datasheet (HTML) - Astrodyne Corporation


AD-155C Product details

Features :
 • Universal AC input / Full range
 • Protections: Short circuit / Overload / Over voltage
 • Battery low and battery polarity protection
 • Cooling by free air convection
 • 100% full load burn-in test
 • Fixed switching frequency at PFC 67KHz, PWM 134KHz
 • 2 years warranty




Similar Part No. - AD-155C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD-155C ETC-AD-155C Datasheet
77Kb / 2P
SWITCHING POWER SUPPLY
logo
Mean Well Enterprises C...
AD-155C MEANWELL-AD-155C Datasheet
429Kb / 2P
155W Single Output with Battery Charger(UPS Function)
AD-155C MEANWELL-AD-155C Datasheet
357Kb / 2P
155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
More results


Similar Description - AD-155C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD-55 ASTRODYNE-AD-55 Datasheet
1Mb / 4P
55W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
155W Single Output with Battery Charger(UPS Function)
ADD-55 MEANWELL-ADD-55 Datasheet
707Kb / 2P
55W Dual Output with Battery Charger(USP Function)
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
155W Dual Output with Battery Charger(USP Function)
PSC-60 MEANWELL-PSC-60 Datasheet
327Kb / 2P
60W Single Output with Battery Charger(UPS Function)
ADD-55 MEANWELL-ADD-55_10 Datasheet
392Kb / 2P
55W Dual Output with Battery Charger(USP Function)
AD-155 MEANWELL-AD-155_11 Datasheet
357Kb / 2P
155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
155W Dual Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD155 ASTRODYNE-AD155 Datasheet
601Kb / 3P
155W Single Output with Battery Charging UPS Function
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
155W Dual Output with Battery Charging UPS Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com