Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV758P Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV758P Datasheet PDF - Texas Instruments
Part # TLV758P
Download  TLV758P Download
File Size   3322.85 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package

TLV758P Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV758P Datasheet PDF - Texas Instruments

Part # TLV758P
Download  TLV758P Click to download

File Size   3322.85 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package

TLV758P Datasheet (HTML) - Texas Instruments


TLV758P Product details

1 Features
• Input voltage range: 1.5 V to 6.0 V
• Adjustable output voltage:
– 0.55 V to 5.5 V
• Low dropout:
– 130 mV (max) at 500 mA (3.3 VOUT)
• High output accuracy: 0.7% (typical) and 1%
(maximum over temperature)
• IQ: 25 μA (typical)
• Built-in soft-start with monotonic VOUT rise
• Packages:
– 2-mm × 2-mm WSON-6 (DRV)
– SOT23-5 (DBV)
• Active output discharge

2 Applications
• Gaming consoles
• Home theaters and entertainment
• PC and notebooks
• Connected peripherals and printers
• Rack and server power
• Thermostats
• Retail automation and payment

3 Description
The TLV758P is an adjustable 500-mA low-dropout
(LDO) regulator . This device is available in a small,
6-pin, 2-mm × 2-mm WSON package and a 5-pin
SOT23 package and consumes very low quiescent
current and provides fast line and load transient
performance. The TLV758P features an ultra-low
dropout of 130 mV at 500 mA that can help improve
the power efficiency of the system.
The TLV758P is optimized for a wide variety of
applications by supporting an input voltage range
from 1.5 V to 6.0 V and an externally adjustable
output range of 0.55 V to 5.5 V. The low output
voltage enables this LDO to power the modern
microcontrollers with lower core voltages.
The TLV758P is stable with small ceramic output
capacitors, allowing for a small overall solution size. A
precision band-gap and error amplifier provides high
accuracy of 0.7% (max) at 25°C and 1% (max) over
temperature (85°C). This device includes integrated
thermal shutdown, current limit, and undervoltage
lockout (UVLO) features. The TLV758P has an
internal foldback current limit that helps reduce the
thermal dissipation during short-circuit events.




Similar Part No. - TLV758P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P TI1-TLV758P Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P TI2-TLV758P Datasheet
3Mb / 37P
TLV758P 500-mA, High-Accuracy, Adjustable LDO in a Small Size Package
REVISED OCTOBER 2023
More results


Similar Description - TLV758P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com